Electronic Components Datasheet Search
  English  ▼

X  

SC804A Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC804A
Description  Fully Integrated 4.4V Lithium-Ion Battery Charger System with Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC804A Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC804A Datasheet HTML 6Page - Semtech Corporation SC804A Datasheet HTML 7Page - Semtech Corporation SC804A Datasheet HTML 8Page - Semtech Corporation SC804A Datasheet HTML 9Page - Semtech Corporation SC804A Datasheet HTML 10Page - Semtech Corporation SC804A Datasheet HTML 11Page - Semtech Corporation SC804A Datasheet HTML 12Page - Semtech Corporation SC804A Datasheet HTML 13Page - Semtech Corporation SC804A Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
© 2005 Semtech Corp.
www.semtech.com
SC804A
PRELIMINARY
POWER MANAGEMENT
DRAFT
or R3 = 2.333×R
HOT = 13.624kΩ exactly. The closest 1%
standard nominal value is R3 = 13.7k
Ω.
Step 2: Verify acceptable thermistor self heating. In
general, lower values of RT provide more noise immunity
for the NTC voltage, but at the expense of bias current
from the input adapter and power dissipation in the NTC
network. The dissipation constant is the power rating of
the thermistor resulting in a 1oC self heating error. The
greatest self-heating occurs at low thermistor resistance
(at high temperature).
Since temperature sensing
accuracy matters only at the charging temperature range
thresholds, self heating is assessed only at the worst case
high temperature threshold of +40oC.
For V
VCC = 5V,
the 40oC NTC network current I
NTC_HOT =
V
VCC /(R3 + RHOT) = 0.246mA.
Power dissipation in the
thermistor at this temperature, P
HOT = RHOT × (INTC_HOT)
2
=
0.38mW, for self heating of approximately 0.13oC. The
actual high temperature threshold will thus be lower by
0.13oC. This self-heating error is usually acceptable. If
it is not, then a thermistor with a greater R
HOT must be
chosen.
Step 3: Determine the desired high (cold) threshold.
Compute the NTC network resistor divider voltage, as a
function of V
VCC, at the cold temperature threshold.
Step 4: Configure CTO. If NTC
COLD is sufficiently close
to the default cold threshold (VT
NTCC×V
VCC), then simply
connect CTO to ground, disabling the CTO function, to
complete the design. But in this example it is not, so the
voltage on CTO must be set to 0.6591×V
VCC. The simple
resistive voltage divider network of Figure 2 can be used
to obtain the desired CTO voltage.
or
Applications Information (Cont.)
the SC804A and resets the charge timer (with the FLTB
pin inactive). The NTC pin can be pulled down to ground
by an external n-channel FET transistor or processor GPIO
to disable or reset the SC804A.
Note that the response of the SC804A to NTC pin voltage
above the high threshold and below the low threshold
is the same. Thus it is possible to configure the NTC
network with the battery pack thermistor between NTC
and VCC, and a fixed resistor between NTC and ground.
This configuration may be useful if it is desired to reset the
charge timer (and the CHRGB output) when the battery
pack is removed (so the fixed resistor pulls the NTC pin to
ground) while VCC is present.
Cold Temperature Offset (CTO)
The voltage applied to the CTO pin sets the NTC high
voltage (normally the cold temperature threshold) for the
NTC input. The default NTC high threshold (VT
NTCC×V
VCC)
can be selected by connecting the CTO pin to ground. If
it is desired to change this threshold, the voltage on the
CTO pin can be set between 0.5×V
VCC and 0.9×VVCC.
This feature is especially useful if a single PCB design
is needed to satisfy similar applications with different
requirements. The temperature range for normal charging
can be adjusted by adjusting resistor values on a divider
network without changing the NTC thermistor, which
is often enclosed in the battery pack. An example of a
typical application is shown in Figure 2.
NTC/CTO Design Example
The following example assumes the NTC network
configuration of Figure 2, with a fixed resistor R3 connected
between NTC and VCC, and a battery NTC thermistor
RT connected between NTC and ground. The battery
temperature range over which charging is permitted is
0oC through 40oC. The datasheet for the selected NTC
thermistor indicates that RT = 5.839k
Ω at 40oC, at RT =
26.49k
Ω at 0oC, with a dissipation constant DC = 3mW.
Designate R
HOT = 5.839kΩ and RCOLD = 26.49kΩ.
Step 1: Select R3. For the normal (NTC thermistor to
ground) configuration, solve the NTC network voltage
divider for R3 to place the NTC voltage at 0.3×VCC when
RT = R
HOT.
0.3 × VCC =
VCC × R
HOT
R3 + R
HOT
NTC
COLD =
VCC × R
COLD = 0.6591 × VCC
R3 + R
COLD
V
CTO = NTCCOLD
= 0.6591 × VCC =
VCC × R
CT2
R
CT1 + RCT2
R
CT1 = 1 0.6591 = 0.5172
R
CT2
0.6591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com