Electronic Components Datasheet Search
  English  ▼

X  

SC804A Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC804A
Description  Fully Integrated 4.4V Lithium-Ion Battery Charger System with Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC804A Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC804A Datasheet HTML 11Page - Semtech Corporation SC804A Datasheet HTML 12Page - Semtech Corporation SC804A Datasheet HTML 13Page - Semtech Corporation SC804A Datasheet HTML 14Page - Semtech Corporation SC804A Datasheet HTML 15Page - Semtech Corporation SC804A Datasheet HTML 16Page - Semtech Corporation SC804A Datasheet HTML 17Page - Semtech Corporation SC804A Datasheet HTML 18Page - Semtech Corporation SC804A Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
15
© 2005 Semtech Corp.
www.semtech.com
SC804A
PRELIMINARY
POWER MANAGEMENT
DRAFT
State Diagram
Over-Voltage, Under-Voltage or
Over-Temperature will force the
SC804A into Shutdown Mode
from any state.
Soft Start CC Mode
Yes
IOUT =IFAST
Yes
IOUT <ITERM
VOUT < VCV -VReQ
low temp> NTC Temp> high temp
Yes
Yes
Yes
Yes
Start Timer
Start CV Mode
Timer
Enabled?
CC = Constant Current
CV = Constant Voltage
Yes
Yes
OVP > VCC > UVLO
En = Hi
Soft Start Vout
CHRGB Low
Timer
Enabled?
Start Pre-Charge
IOUT =IPREQ
Time >TMAX/4
Pre- Charge
Timeout Fault
FLTB goes low.
Cleared by
VBAT > VTPreQ
or Re- cycle VCC
Yes
VOUT = VCV
CHRGB High Z
Monitor Mode
VOUT off
Time >TMAX
Float Charge Mode
VOUT = VCV
NTC out of Range Fault
FLTB goes active low
Timer is frozen
Charge resumes when NTC
Temperature is valid
VOUT > VTPreQ
Shutdown Mode:
VOUT &IOUT off,
CHRGB High Z,
CPB Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com