Electronic Components Datasheet Search
  English  ▼

X  

SC804A Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC804A
Description  Fully Integrated 4.4V Lithium-Ion Battery Charger System with Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC804A Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC804A Datasheet HTML 10Page - Semtech Corporation SC804A Datasheet HTML 11Page - Semtech Corporation SC804A Datasheet HTML 12Page - Semtech Corporation SC804A Datasheet HTML 13Page - Semtech Corporation SC804A Datasheet HTML 14Page - Semtech Corporation SC804A Datasheet HTML 15Page - Semtech Corporation SC804A Datasheet HTML 16Page - Semtech Corporation SC804A Datasheet HTML 17Page - Semtech Corporation SC804A Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
14
© 2005 Semtech Corp.
www.semtech.com
SC804A
PRELIMINARY
POWER MANAGEMENT
DRAFT
Charge Mode Timing Diagram
VCC
VOUT
IOUT
CPB
CHRGB
TIMER
FLTB
NTC
UVLO
VTPreQ
Pre-Charge
Soft Start
Fast Charge
Termination
Current
Re-Charge
Threshold
CC Mode
CV Mode
On
On
On
On
On
On
On
Off
Off
Off
Off
Off
Fault
Hold
Figure 5 - Charge Mode Timing
The OVPB signal is an active-low output that signals when
the input voltage exceeds the OVP threshold. When the
voltage on VCC is less than the OVP threshold voltage
this output is high impedance.
The FLTB output is activated when the device experiences
a fault condition. This output can be used to notify the
system controller of a fault condition when connected to
an interrupt input, or it can be used like CPB and CHRGB
to drive an indicator LED. There are five fault modes
signaled by FLTB: input over-voltage, input under-voltage,
NTC temperature out of range, max die temperature (OT),
and pre-charge timeout. When any of these conditions
occurs the FLTB output goes low; otherwise it remains
high impedance.
Capacitor Selection
Low cost, low ESR ceramic capacitors such as the X5R and
X7R dielectric material types are recommended for use with
the SC804A. The output capacitance range is 1μF to 4.7μF.
The input capacitor is typically between 0.1μF to 2.2μF, but
larger values will not degrade performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com