Electronic Components Datasheet Search
  English  ▼

X  

SC804A Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC804A
Description  Fully Integrated 4.4V Lithium-Ion Battery Charger System with Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC804A Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC804A Datasheet HTML 13Page - Semtech Corporation SC804A Datasheet HTML 14Page - Semtech Corporation SC804A Datasheet HTML 15Page - Semtech Corporation SC804A Datasheet HTML 16Page - Semtech Corporation SC804A Datasheet HTML 17Page - Semtech Corporation SC804A Datasheet HTML 18Page - Semtech Corporation SC804A Datasheet HTML 19Page - Semtech Corporation SC804A Datasheet HTML 20Page - Semtech Corporation SC804A Datasheet HTML 21Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
© 2005 Semtech Corp.
www.semtech.com
SC804A
PRELIMINARY
POWER MANAGEMENT
DRAFT
Typical Characteristics (Cont.)
Dropout Voltage vs. IOUT
Rds-on vs. IOUT
AFC Operation, RPRGM = 1.87kΩ
0.100
0.200
0.300
0.400
0.500
0.600
0.700
0.800
0.900
400
600
800
1000
1200
1400
1600
IOUT (mA)
TJ = - 40°C
TJ = +25°C
TJ = +85°C
TJ = +125°C
0.270
0.320
0.370
0.420
0.470
0.520
0.570
0.620
400
600
800
1000
1200
1400
1600
IOUT (mA)
TJ = -40°C
TJ = +25°C
TJ = +85°C
TJ = +125°C
0
200
400
600
800
1000
1200
0
0.5
1
1.5
2
VAFC, V
AFC Pin Tied to VCC
Actual AFC Response
Ideal AFC Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com