Electronic Components Datasheet Search
  English  ▼

X  

SC804A Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC804A
Description  Fully Integrated 4.4V Lithium-Ion Battery Charger System with Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC804A Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC804A Datasheet HTML 13Page - Semtech Corporation SC804A Datasheet HTML 14Page - Semtech Corporation SC804A Datasheet HTML 15Page - Semtech Corporation SC804A Datasheet HTML 16Page - Semtech Corporation SC804A Datasheet HTML 17Page - Semtech Corporation SC804A Datasheet HTML 18Page - Semtech Corporation SC804A Datasheet HTML 19Page - Semtech Corporation SC804A Datasheet HTML 20Page - Semtech Corporation SC804A Datasheet HTML 21Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
19
© 2005 Semtech Corp.
www.semtech.com
SC804A
PRELIMINARY
POWER MANAGEMENT
DRAFT
Evaluation Board Schematic
Evaluation Board Gerber Plot,Top/Bottom Views
D1
D1
1
2
R4
390
R4
390
D4
D4
1
2
R3
390
R3
390
1
GND
GND
1
RGND
RGND
1
2
R2
390
R2
390
1
2
R15
37.4k
R15
37.4k
CHARGER+
CHARGER+
BSEN
1
CTO
2
IPRGM
3
ITERM
4
CPB
11
RTIM
12
CHRGB
10
AFC
9
SC804A
U1
SC804A
U1
1
ITERM
ITERM
1
2
R1
390
R1
390
RTIM
RTIM
1
GND
GND
1
2
R8
<NM>
R8
<NM>
1
CTO
CTO
1
2
R7
10k
R7
10k
1
2
3
JP5
JP5
R11
0
R11
0
1
2
C3
<NM>
C3
<NM>
1
2
R14
0
R14
0
1
2
R9
<NM>
R9
<NM>
1
2
C2
2.2u
C2
2.2u
1
VOUT
VOUT
1
2
R13
100k
R13
100k
1
3
R16
POT_3296W-105
R16
POT_3296W-105
1
2
C1
2.2u
C1
2.2u
1
NTC
NTC
1
2
JP4
JP4
1
2
JP6
JP6
1
GND
GND
1
2
JP2
JP2
D3
D3
R12
<NM>
R12
<NM>
1
2
JP1
JP1
1
2
JP7
JP7
1
IPRGM
IPRGM
1
2
R10
<NM>
R10
<NM>
R6
1.87k
R6
1.87k
CHARGER-
CHARGER-
1
2
JP3
JP3
D2
D2
R5
499
R5
499



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com