Electronic Components Datasheet Search
  English  ▼

X  

SC804A Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC804A
Description  Fully Integrated 4.4V Lithium-Ion Battery Charger System with Timer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC804A Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC804A Datasheet HTML 12Page - Semtech Corporation SC804A Datasheet HTML 13Page - Semtech Corporation SC804A Datasheet HTML 14Page - Semtech Corporation SC804A Datasheet HTML 15Page - Semtech Corporation SC804A Datasheet HTML 16Page - Semtech Corporation SC804A Datasheet HTML 17Page - Semtech Corporation SC804A Datasheet HTML 18Page - Semtech Corporation SC804A Datasheet HTML 19Page - Semtech Corporation SC804A Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16
© 2005 Semtech Corp.
www.semtech.com
SC804A
PRELIMINARY
POWER MANAGEMENT
DRAFT
Typical Charge Cycle
Typical Charge Cycle
Evaluation Board configured for internal timer, 1.5V on IPRGM = 843mA, 1.5V on ITERM = 300mA, VCC = 5.0V, Li-Ion
battery capacity = 850mAh. A 237Ω load resistor (18mA at a battery voltage of 4.36V) was applied to the battery fol-
lowing completion of precharge, to slowly discharge the battery following charge timer timeout to illustrate a recharge
cycle. The alphabetic markers indicate the following: (a) precharge; (b) fast charge, or Constant Current (CC) charg-
ing; (c) Constant Voltage (CV) charging; (d) termination; (e) CV (“float”) charging until charge timer timeout; (f) charge
timer timeout; (g) discharge of the battery due to 18mA load; (h) recharge cycle initiated when battery voltage drops
below the recharge threshold.
0
30
60
90
120
150
180
210
240
270
300
330
360
0
0.5
1
1.5
2
2.5
3
3.5
4
4.36
5
0
30
60
90
120
150
180
210
240
270
300
330
360
0
100
200
300
400
500
600
700
800
900
Time (minutes)
Time (minutes)
b
a
c
d
e
f
g
h
a
b
c
f
h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com