Electronic Components Datasheet Search
  English  ▼

X  

SC2447 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC2447
Description  Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2447 Datasheet(HTML) 5 Page - Semtech Corporation

  SC2447 Datasheet HTML 1Page - Semtech Corporation SC2447 Datasheet HTML 2Page - Semtech Corporation SC2447 Datasheet HTML 3Page - Semtech Corporation SC2447 Datasheet HTML 4Page - Semtech Corporation SC2447 Datasheet HTML 5Page - Semtech Corporation SC2447 Datasheet HTML 6Page - Semtech Corporation SC2447 Datasheet HTML 7Page - Semtech Corporation SC2447 Datasheet HTML 8Page - Semtech Corporation SC2447 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2447
Notes:
(1) Guaranteed by design, not tested in production.
Electrical Characteristics (Cont.)
Unless specified: AVCC = 12V, SYNC = 0, R
OSC = 51.1kΩ, -40°C < TA = TJ < 125°C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
OI
e
c
r
u
o
S
O
C
°
0
7
~
0
,
A
m
2
.
1
=1
.
45
V
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
OI
k
n
i
S
O
A
m
1
=0
4
.
0V
e
g
a
k
a
e
L
e
t
a
t
S
-
i
r
T
m
u
m
i
x
a
M
t
n
e
r
r
u
C
e
t
a
t
S
e
c
n
a
d
e
p
m
I
h
g
i
H
n
i
H
D
G2
µA
m
o
r
f
e
m
i
t
y
a
l
e
d
n
o
i
t
a
g
a
p
o
r
P
M
W
P
o
t
s
t
u
p
n
i
e
s
n
e
s
t
n
e
r
r
u
c
t
u
p
t
u
o
)
1
(
T
M
W
P
L
D
T
A
C
°
5
2
=5
8s
n
e
l
b
a
n
E
d
n
a
p
u
c
c
i
H
d
a
o
l
r
e
v
O
,
t
r
a
t
S
-
t
f
o
S
t
n
e
r
r
u
C
g
n
i
g
r
a
h
C
t
r
a
t
S
-
t
f
o
SI
,
1
S
S
I
2
S
S
V
1
S
S
=V
2
S
S
=V
5
.
15
.
9
µA
g
n
il
b
a
n
E
p
u
c
c
i
H
d
a
o
l
r
e
v
O
e
g
a
t
l
o
V
V
1
S
S
d
n
aV
2
S
S
g
n
i
s
a
e
r
c
n
I2
.
3V
t
n
e
r
r
u
C
g
n
i
g
r
a
h
c
s
i
D
t
r
a
t
S
-
t
f
o
S
n
o
i
t
i
d
n
o
C
t
n
e
r
r
u
C
r
e
v
O
t
a
I
,
)
S
I
D
(
1
S
S
I
)
S
I
D
(
2
S
S
V
-
1
N
I
=V
5
.
0
F
E
R
V
,
-
2
N
I
=V
5
.
0
N
I
F
E
R
,
V
1
S
S
=V
2
S
S
V
5
8
.
2
>
7
3
µA
V
-
1
N
I
=V
5
.
0
F
E
R
V
,
-
2
N
I
=V
5
.
0
N
I
F
E
R
,
V
1
S
S
=V
2
S
S
V
5
8
.
2
<
5
.
7
µA
d
l
o
h
s
e
r
h
T
p
u
c
c
i
H
d
a
o
l
r
e
v
O
e
g
a
t
l
o
V
V
1
S
S
d
n
aV
2
S
S
g
n
i
s
a
e
r
c
e
D5
8
.
2V
y
r
e
v
o
c
e
R
p
u
c
c
i
H
d
a
o
l
r
e
v
O
e
g
a
t
l
o
V
t
r
a
t
S
-
t
f
o
S
,
1
V
C
R
S
S
V
2
V
C
R
S
S
V
g
n
i
s
a
e
r
c
e
D
2
S
S
V
d
n
a
1
S
S
V5
.
0V
N
E
/
S
S
e
l
b
a
s
i
D
t
u
p
t
u
O
M
W
P
e
g
a
t
l
o
V
6
.
0V
N
E
/
S
S
e
l
b
a
n
E
t
u
p
t
u
O
M
W
P
e
g
a
t
l
o
V
2
.
15
.
1V
r
e
f
f
u
B
e
c
n
e
r
e
f
e
R
V
5
.
0
l
a
n
r
e
t
n
I
e
g
a
t
l
o
V
t
u
p
t
u
OV
T
U
O
F
E
R
I
T
U
O
F
E
R
T
<
C
°
0
,
A
m
1
-
=
A
T
=
J
C
°
0
7
<5
9
40
0
55
0
5V
m
n
o
i
t
a
l
u
g
e
R
d
a
o
LI
<
0
T
U
O
F
E
R
A
m
5
-
<5
0
.
0A
m
/
%
n
o
i
t
a
l
u
g
e
R
e
n
i
LC
C
V
A
H
T
I
,
V
5
1
<
C
C
V
A
<
T
U
O
F
E
R
A
m
1
-
=%
2
0
.
0V
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com