Electronic Components Datasheet Search
  English  ▼

X  

SC2447 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC2447
Description  Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2447 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC2447 Datasheet HTML 12Page - Semtech Corporation SC2447 Datasheet HTML 13Page - Semtech Corporation SC2447 Datasheet HTML 14Page - Semtech Corporation SC2447 Datasheet HTML 15Page - Semtech Corporation SC2447 Datasheet HTML 16Page - Semtech Corporation SC2447 Datasheet HTML 17Page - Semtech Corporation SC2447 Datasheet HTML 18Page - Semtech Corporation SC2447 Datasheet HTML 19Page - Semtech Corporation SC2447 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
16
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2447
Setting the Switching Frequency
The switching frequency is set with an external resistor
connected from Pin 3 to the ground. The set frequency is
inversely proportional to the resistor value (Figure 8).
0
100
200
300
400
500
600
700
800
0
50
100
150
200
250
Rosc (k Ohm)
Figure 8. Free Running Frequency vs. R
OSC
Inductor (L) and Ripple Current
Both step-down controllers in the SC2447 operate in
synchronous continuous-conduction mode (CCM)
regardless of the output load. The output inductor
selection/design is based on the output DC and transient
requirements. Both output current and voltage ripples
are reduced with larger inductors but it takes longer to
change the inductor current during load transients.
Conversely, smaller inductors results in lower DC copper
losses but the AC core losses (flux swing) and the winding
AC resistance losses are higher. A compromise is to
choose the inductance such that peak-to-peak inductor
ripple-current is 20% to 30% of the rated output load
current.
Assuming that the inductor current ripple (peak-to-peak)
value is
δ*I
o, the inductance value will then be
.
)
1
(
s
o
o
f
I
D
V
L
δ
−
=
The peak current in the inductor becomes (1+
δ/2)*Io
and the RMS current is
.
12
1
2
,
δ
+
=
o
rms
L
I
I
Consider the following when choosing inductors:
a) Inductor core material: For high efficiency applications
above 350kHz, ferrite, Kool-Mu and polypermalloy
materials should be used. Low-cost powdered iron cores
can be used for cost sensitive-applications below 350kHz
but with attendant higher core losses.
b) Select inductance value: Sometimes the calculated
inductance value is not available off-the-shelf. The designer
can choose the next larger standard inductance value.
The inductance varies with temperature and DC current.
It is a good engineering practice to re-evaluate the
resulting current ripple at the rated DC output current.
c) Current rating: The saturation current of the inductor
should be at least 1.5 times of the peak inductor current
under all conditions.
Output Capacitor (C
o) and Vout Ripple
The output capacitor filters the inductor current in the
steady state and serves as a reservoir during load transient.
The output capacitor can be modeled as an ideal capacitor
in series with its parasitic ESR (R
esr) and ESL (Lesl) (Figure
9).
Co
Lesl
Resr
Figure 9. An Equivalent Circuit of C
o
If the current through the branch is i
b(t), the voltage across
the terminals will then be
).
(
)
(
)
(
1
)
(
0
t
i
R
dt
t
di
L
dt
t
i
C
V
t
v
b
esr
t
b
esl
b
o
o
o
+
+
+
=
∫
This basic equation illustrates the effect of ESR, ESL
and C
o on the output voltage.
The first term is the DC voltage across C
o at time t=0.
The second term is the voltage variation caused by the
Application Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com