Electronic Components Datasheet Search
  English  ▼

X  

SC2447 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC2447
Description  Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2447 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC2447 Datasheet HTML 4Page - Semtech Corporation SC2447 Datasheet HTML 5Page - Semtech Corporation SC2447 Datasheet HTML 6Page - Semtech Corporation SC2447 Datasheet HTML 7Page - Semtech Corporation SC2447 Datasheet HTML 8Page - Semtech Corporation SC2447 Datasheet HTML 9Page - Semtech Corporation SC2447 Datasheet HTML 10Page - Semtech Corporation SC2447 Datasheet HTML 11Page - Semtech Corporation SC2447 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2447
(IILFLHQF\#)VZ N+]
9999













2XWSXW&XUUHQW $
9287 9
9287 9
9,1 9
9287 9
9287 9
(IILFLHQF\#)VZ N+]
99













2XWSXW&XUUHQW $
9287 9
9287 9
9,1 9
/RVV#)VZ N+]
99













2XWSXW&XUUHQW $
9287 9
9287 9
9,1 9
/RVV#)VZ N+]
9999














2XWSXW&XUUHQW $
9287 9
9287 9
9,1 9
9287 9
9287 9
Typical Application Circuit Performance
V
OUT2
20mV/div
Output Voltage Ripple (V
OUT2)
2
µs/DIV
I
OUT2=25A
I
OUT2
10A/div
V
SW2
10V/div
V
OUT2
0.1V/div
Load Transient Response (V
OUT2)
200
µs/div
I
OUT2=20A to 25A
I
OUT2
5A/div
V
OUT2
0.5V/div
Overload Hiccup (V
OUT2)
50ms/div
V
SS2/EN2
2V/div
I
OUT2
20A/div
Circuit Conditions: 2-Ouput Configuration, V
IN = 12V, LOUT=0.4uH for VOUT= 1.2V, LOUT=1uH for VOUT= 2.5V, 3.3V, and 5.0V, ROSC = 51.1kΩ, and TA = 25°C.
Circuit Conditions: 2-Output Configuration as in Figure 16. V
IN = 12V, VOUT1 = 2.5V, VOUT2 = 1.2V, ROSC = 51.1kΩ, SYNC = 0, and TA = 25°C.
V
OUT1
20mV/div
Output Voltage Ripple
V
OUT1 & VOUT2
1
µs/DIV
I
OUT1=20A
I
OUT2=25A
V
SW1
10V/div
V
SW2
10V/div
V
OUT2
20mV/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com