Electronic Components Datasheet Search
  English  ▼

X  

SC2447 Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC2447
Description  Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2447 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC2447 Datasheet HTML 16Page - Semtech Corporation SC2447 Datasheet HTML 17Page - Semtech Corporation SC2447 Datasheet HTML 18Page - Semtech Corporation SC2447 Datasheet HTML 19Page - Semtech Corporation SC2447 Datasheet HTML 20Page - Semtech Corporation SC2447 Datasheet HTML 21Page - Semtech Corporation SC2447 Datasheet HTML 22Page - Semtech Corporation SC2447 Datasheet HTML 23Page - Semtech Corporation SC2447 Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
20
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2447
average current mode control), this current sensing
method is sufficient without time constant matching
requirement.
In the current mode control as implemented in SC2447,
voltage ripple on C
s is required for PWM operation.
In
fact, the V
Cs AC peak-to-peak voltage ripple (denoted as
∆V
Cs) directly affects the signal-to-noise ratio of the PWM
operation. In general, smaller
∆V
Cs leads to lower signal-
to-noise ratio and more noise sensitive operation. Larger
∆V
Cs leads to more circuit (power stage) parameter
sensitive operation. A good engineering compromise is:
∆V
Cs~ RL δIo.
It is necessary to match the following time constants to
equalize the ripple.
.
s
s
L
C
R
R
L ≈
For example, L = 1µH and R
L = 1.8mΩ, the time constant
R
sCs should be set to 555.6µs. If one selects Cs = 33nF,
then R
s = 16.9 kΩ.
Scaling the Current Limit
Over-current is handled differently in the SC2447
depending on the direction of the inductor current. If
the differential sense voltage between CS+ and CS-
exceeds +50mV, the PWM signal (GDH) will go low. The
MOSFET driver will turn off the top MOSFET and turn on
the bottom MOSFET, to limit the inductor current. This
+50mV is the cycle-by-cycle peak current limit when the
load is drawing current from the converter. There is no
cycle-by-cycle current limit when the inductor current flows
in the reverse direction.
In the circuit of Figure 13, the equivalent inductor current
limit is set according to
,
50
L
LMcp
R
mV
I
=
when the load is sourcing current from the converter. If
R
L = 1.8mΩ, then ILMcp = 27.8A.
The circuit in Figure 14
allows the user to scale the equivalent current limit with
the same R
L.
C
S in the current sensing network is usually in the range
of 22nF ~ 330nF.
a) When the required current limit I
LM is higher than ILMcp,
R
s3 is not needed and solve the following three equations
for R
s, Rs1, and Rs2:
,
)
//
(
1
L
s
s
s
R
L
C
R
R
=
,
50
1
1
mV
R
R
R
R
I
s
s
s
L
LM
=
+
and
.
//
1
2
s
s
s
R
R
R
=
Note that R
S2 is made equal to RS//RS1 to reduce effect
of the bias current of the current amplifier in SC2447.
b) When the required current limit I
LM is less than ILMcp,
remove R
s1 and solve the following two equations for Rs
and R
s3:
,
L
s
s
R
L
C
R
=
,
50
3
mV
V
R
R
R
I
O
s
s
L
LM
=
+
R
s2 is then calculated from
.
3
3
2
s
s
s
s
s
R
R
R
R
R
−
=
Q1
Q2
Cin
Cout
RL
Rload
Rs
Vin
Vo
Cs
vC(t)
L
iL(t)
Vgs2
Vgs1
PN
1
2
-
+
ISEN
Rs3
Rs2
Rs1
Figure 14. Scaling the Equivalent Current Limit
Application Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com