Electronic Components Datasheet Search
  English  ▼

X  

SC2447 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC2447
Description  Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2447 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC2447 Datasheet HTML 5Page - Semtech Corporation SC2447 Datasheet HTML 6Page - Semtech Corporation SC2447 Datasheet HTML 7Page - Semtech Corporation SC2447 Datasheet HTML 8Page - Semtech Corporation SC2447 Datasheet HTML 9Page - Semtech Corporation SC2447 Datasheet HTML 10Page - Semtech Corporation SC2447 Datasheet HTML 11Page - Semtech Corporation SC2447 Datasheet HTML 12Page - Semtech Corporation SC2447 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2447
(IILFLHQF\#)VZ N+]
3KDVH9










2XWSXW&XUUHQW $
9,1 9
Typical Application Circuit Performance
Circuit Conditions: 2-Phase Configuration as in Figure 17, V
IN = 12V, VOUT = 1.2V, ROSC = 51.1kΩ, SYNC = 0, and TA = 25°C.
V
OUT
0.5V/div
V
SS1/EN1
2V/div
I
OUT
20A/div
Soft-Start Up
10ms/div
V
OUT
0.5V/div
V
SS1/EN1
2V/div
Pre-biased Start Up (V
OUT)
10ms/div
I
OUT=0A
I
OUT
20A/div
V
OUT
0.5V/div
V
SS1/EN1
5V/div
Shutdown (V
OUT)
R
OUT2=1Ω
V
GDL1
5V/div
I
OUT
1A/div
200
µs/div
V
OUT
20mV/div
Output Voltage Ripple (V
OUT)
1
µs/DIV
I
OUT2=50A
I
OUT
50A/div
V
SW2
10V/div
V
SW1
10V/div
V
OUT
0.1V/div
Load Transient Response (V
OUT)
200
µs/div
I
OUT2=40A to 50A
I
OUT
10A/div
V
OUT
0.5V/div
Overload Hiccup (V
OUT)
50ms/div
V
SS1/EN1
2V/div
I
OUT
50A/div
/RVV#)VZ N+]
3KDVH9











2XWSXW&XUUHQW $
9,1 9
&XUUHQW6KDUH
3KDVH9










7RWDO2XWSXW&XUUHQW $
9,1 9
,3+$6(
,3+$6(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com