Electronic Components Datasheet Search
  English  ▼

X  

AD9863 Datasheet(PDF) 37 Page - Analog Devices

Part # AD9863
Description  Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9863 Datasheet HTML 32Page - Analog Devices AD9863 Datasheet HTML 33Page - Analog Devices AD9863 Datasheet HTML 34Page - Analog Devices AD9863 Datasheet HTML 35Page - Analog Devices AD9863 Datasheet HTML 36Page - Analog Devices AD9863 Datasheet HTML 37Page - Analog Devices AD9863 Datasheet HTML 38Page - Analog Devices AD9863 Datasheet HTML 39Page - Analog Devices AD9863 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
AD9863
Rev. A | Page 37 of 40
Rx
DIGITAL
BLOCK
Rx
PATH
Tx
DIGITAL
BLOCK
Tx
PATH
IFACE2
IFACE3
OUTPUT
CLOCK
FORMATTER
CLKIN1
1
2
3
4
5
6
50MHz MAX
1, 2
1, 2, 4, 8, 16
1, 5
1. ALTERNATE TIMING MODE: REG 0x15, BIT 4
2. PLL MULTIPLICATION SETTING: REG 0x15, BITS 2–0
3. PLL OUTPUT DIVIDE BY 5; REG 0x15, BIT 3
4. Rx PATH DIVIDE BY 2: REG 0x15, BIT 5
5. PLL BYPASS PATH: REG 0x15, BIT 7
6. INTERP CONTROL, Tx/Rx INV IFACE3, CLK MODE, INV IFACE2, FD/HD, 12/24
CLKIN2
Figure 58. Clock Distribution Block Diagram
Table 21. Interface Pins (IFACE1, IFACE2, IFACE3) Configuration Definition for Flexible Interface Operation
Clock
Mode Pin
1
2
4T
4R
5T
5R
7T
7R
8T
8R
10T
10R
Full-Duplex
Half-Duplex, 24-Bit
Half-Duplex, 12-Bit
Clone Mode
CLKIN1,
CLKIN2
Independent
Internally
Tied
Together
Independent
Internally Tied
Together
Independent
Internally Tied
Together
Independent
IFACE1
TxSync
Tx/Rx
Tx/Rx
Tx/Rx
IFACE2
Buff_CLKIN1
RxSync
Optional CLKOUT
Optional CLKOUT
Optional
CLKOUT
IFACE3
Tx Clock
Tx
Clock
Rx
Clock
Tx
Clock
Rx
Clock
Tx
Clock
Rx
Clock
Tx
Clock
Rx
Clock
Tx
Clock
Rx
Clock
The Tx clock output frequency depends on whether the data is
in interleaved or parallel (noninterleaved) configuration. Modes
1, 2, 7, 8, and 10 use Tx interleaved data and require either 2×
or 4× interpolation to be enabled.
•
DAC update rate = CLKIN2 × PLL setting.
•
Noninterleaved Tx data clock frequency = CLKIN2 × PLL
setting × 1/(interpolation rate).
•
Interleaved Tx data clock frequency = 2 × CLKIN2 × PLL
setting × 1/(interpolation rate).
The Rx clock does not depend on whether the data is
interleaved or parallel, but it does depends on the configuration
of the timing mode: normal or alternative.
•
Normal timing mode, Rx clock frequency = CLKIN1 ×
ADC div factor (if enabled).
•
Alternative timing mode, Rx clock frequency = CLKIN2 ×
PLL setting × ADC div factor (if enabled).
An optional CLKOUT from IFACE2 is available as a stable
system clock running at the CLKIN1 frequency or the TxDAC
update rate, which is equal to CLKIN2 × PLL setting. Setting
the enable IFACE2 clkout register [Register 0x01, Bit 2] enables
the IFACE2 optional clock output. In FD mode the IFACE2 pin
always acts as a clock output; the enable IFACE2 pin can be
used to invert the IFACE2 output.
Configuration
The AD9863 timing for the transmit path and for the receive
path depend on the mode setting and various programmable
options. The registers that affect the output clock timing and
data input/output timing are Clk_Mode [2:0], enable IFACE2
clkout, inv clkout (IFACE3), Tx inverse sample, interpolation
control, PLL bypass, ADC clock div, alt timing mode, PLL Div5,
PLL multiplier, and PLL to IFACE2. The Clk_Mode register is
presented previously.
Table 22 shows the other register bits that are used to configure
the output clock timing and data latching options available in
the AD9863.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com