Electronic Components Datasheet Search
  English  ▼

X  

AD9863 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9863
Description  Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9863 Datasheet HTML 7Page - Analog Devices AD9863 Datasheet HTML 8Page - Analog Devices AD9863 Datasheet HTML 9Page - Analog Devices AD9863 Datasheet HTML 10Page - Analog Devices AD9863 Datasheet HTML 11Page - Analog Devices AD9863 Datasheet HTML 12Page - Analog Devices AD9863 Datasheet HTML 13Page - Analog Devices AD9863 Datasheet HTML 14Page - Analog Devices AD9863 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
AD9863
Rev. A | Page 11 of 40
0
–10
–20
–30
40
–50
–60
–70
–80
–90
–100
–110
0
5
10
15
20
25
FREQUENCY (MHz)
Figure 10. AD9863 Rx Path Single-Tone FFT of Rx Channel B Path
Digitizing 76 MHz Tone
74
65
68
71
62
0
5
10
15
20
25
INPUT FREQUENCY (MHz)
NORMAL POWER @ 50MSPS
LOW POWER @ 25MSPS
ULTRALOW POWER @ 16MSPS
Figure 11. AD9863 Rx Path at 50 MSPS, 10 MHz Input Tone
SNR Performance vs. Input Frequency
80
55
60
65
70
75
50
0
5
10
15
20
25
INPUT FREQUENCY (MHz)
NORMAL POWER @ 50MSPS
LOW POWER @ 25MSPS
ULTRALOW POWER @ 16MSPS
Figure 12. AD9863 Rx Path at 50 MSPS, 10 MHz Input Tone
SFDR Performance vs. Input Frequency
0
–10
–20
–30
40
–50
–60
–70
–80
–90
–100
–110
0
5
10
15
20
25
FREQUENCY (MHz)
Figure 13. AD9863 Rx Path Dual-Tone FFT of Rx Channel A Path
Digitizing 70 MHz and 72 MHz Tones
74
65
68
71
62
12.0
11.8
11.6
11.4
11.2
11.0
10.8
10.6
10.4
10.2
10.0
0
5
10
15
20
25
INPUT FREQUENCY (MHz)
NORMAL POWER @ 50MSPS
LOW POWER @ 25MSPS
ULTRALOW POWER @ 16MSPS
Figure 14. AD9863 Rx Path at 50 MSPS, 10 MHz Input Tone
SINAD Performance vs. Input Frequency
–50
–55
–60
–65
–70
–75
–80
0
5
10
15
20
25
INPUT FREQUENCY (MHz)
NORMAL POWER @ 50MSPS
LOW POWER @ 25MSPS
ULTRALOW POWER @ 16MSPS
Figure 15. AD9863 Rx Path at 50 MSPS, 10 MHz Input Tone
THD Performance vs. Input Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com