Electronic Components Datasheet Search
  English  ▼

X  

AD9863 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9863
Description  Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9863 Datasheet HTML 22Page - Analog Devices AD9863 Datasheet HTML 23Page - Analog Devices AD9863 Datasheet HTML 24Page - Analog Devices AD9863 Datasheet HTML 25Page - Analog Devices AD9863 Datasheet HTML 26Page - Analog Devices AD9863 Datasheet HTML 27Page - Analog Devices AD9863 Datasheet HTML 28Page - Analog Devices AD9863 Datasheet HTML 29Page - Analog Devices AD9863 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
AD9863
Rev. A| Page 26 of 40
The following notes provide a general description of the clone
mode configuration. For more information, refer to Table 15.
Note the following about the Tx path in clone mode:
•
Interpolation rate of 2× or 4× can be programmed with
mode pins or SPI.
•
Max DAC update rate = 200 MSPS.
Max Tx input data rate = 80 MSPS/channel (160 MSPS
interleaved).
•
TxSYNC is used to direct Tx input data.
TxSYNC = high indicates channel Tx_A data.
TxSYNC = low indicates channel Tx_B data.
•
Buffered Tx clock output (from IFACE3 pin) uses one
rising edge per interleaved Tx sample.
Note the following about the Rx path in clone mode:
•
ADC CLK Div register can be used to divide down the
clock driving the ADC, which accepts up to 50 MHz.
•
Max ADC sampling rate = 50 MSPS.
•
Output data rate = ADC sample rate, that is, two 12-bit
parallel outputs per one buffer Rx clock output cycle.
•
The Rx_A output data is output on L12 bus; the Rx_B
output data is output on U12 bus.
Configuring with Mode Pins
The flexible interface can be configured with or without the
SPI, although more options and flexibility are available when
using the SPI to program the AD9863. Mode pins can be used
to power down sections of the device, reduce overall power
consumption, configure the flexible I/O interface, and
program the interpolation setting. The SPI register map,
which provides many more options, is presented in the
Configuring with SPI section.
Mode Pins/Power-Up Configuration Options
Mode pins provide various options that are configurable at
power-up. Control pins also provide options for power-down
modes. The logic value of the configuration mode pins are
latched when the device is brought out of reset (upon the rising
edge of RESET). The mode pin names and functions are listed
in Table 13. Table 14 provides a detailed description of the
mode pins.
Table 13. Mode Pin Names and Functions
Pin Name
Duration
Function
RxPWRDWN
Permanent
When high, digital clocks to the Rx block are disabled. Analog circuitry that requires <10 µs
to power up is powered off.
TxPWRDWN
Permanent
When high, digital clocks to Tx block are disabled (PLL remains powered). Analog circuitry
that requires <10 µs to power up is powered off.
Tx/Rx (IFACE1)
Permanent only for
HD Flex I/O interface
When high, digital clocks to the Tx block are disabled (PLL remains powered to maintain
output clock with an optional SPI shutoff). Tx analog circuitry remains powered up unless
Tx_PwrDwn is asserted.
When low, digital clocks to Rx block are disabled. Rx analog circuitry remains powered up
unless Rx_PwrDwn is asserted.
ADC_LO_PWR
Defined at reset or
power-up
When enabled, this bit scales the ADC power-down by 40%.
SPI_Bus_Enable
(SPI_CS)
Defined at reset or
power-up
This function is controlled through the SPI_CS pin. This pin must remain low to maintain
mode pin functionality (the SPI port remains nonfunctional). This pin must be high when
coming out of reset to enable the SPI.
FD/HD
Defined at reset or
power-up
Configures the flex I/O for FD or HD mode. This control applies only if the SPI bus is disabled.
12/24
Only valid for HD
mode
Defined at reset or
power-up
If the flex I/O bus is in HD mode, this bit is used to configure parallel or interleaved data
mode. This control applies only if the SPI bus is disabled.
Interp0 and
Interp1
Defined at reset or
power-up
The Interp1 and Interp0 bits configure the PLL and the interpolation rate to 1× [00], 2× [01],
or 4× [10]. This control applies only if the SPI bus is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com