Electronic Components Datasheet Search
  English  ▼

X  

AD9863 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9863
Description  Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9863 Datasheet HTML 12Page - Analog Devices AD9863 Datasheet HTML 13Page - Analog Devices AD9863 Datasheet HTML 14Page - Analog Devices AD9863 Datasheet HTML 15Page - Analog Devices AD9863 Datasheet HTML 16Page - Analog Devices AD9863 Datasheet HTML 17Page - Analog Devices AD9863 Datasheet HTML 18Page - Analog Devices AD9863 Datasheet HTML 19Page - Analog Devices AD9863 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
AD9863
Rev. A| Page 16 of 40
Figure 40 to Figure 45 use the same input data to the Tx path, a 256-carrier OFDM signal over a 23 MHz bandwidth, centered at 23 MHz.
The four center carriers are removed from the signal to observe the in-band intermodulation distortion (IMD) from the DAC output.
–110
–100
–90
–80
–70
–60
–50
–40
–30
–120
9
141924
34
29
FREQUENCY (MHz)
Figure 40. AD9863 Tx Path FFT, 256-Carrier (Four Center Carriers Removed)
OFDM Signal over 23 MHz Bandwidth, Centered at 7 MHz, with
20 mA Full-Scale Output into 60 Ω Differential Load
–110
–100
–90
–80
–70
–60
–50
–40
–30
–120
10.5
10.7
10.9
11.1
11.3
11.5
11.7
11.9
12.1
12.3
12.5
FREQUENCY (MHz)
Figure 41. AD9863 Tx Path FFT, Lower-Band IMD Products of
OFDM Signal in Figure 40
–110
–100
–90
–80
–70
–60
–50
–40
–30
–120
0
1020304050
60708090
FREQUENCY (MHz)
Figure 42. AD9863 Tx Path FFT of OFDM Signal in Figure 40,
with 1× Interpolation
–110
–100
–90
–80
–70
–60
–50
–40
–30
–120
6.97
6.98
6.99
7.00
7.01
7.02
7.03
FREQUENCY (MHz)
Figure 43. AD9863 Tx Path FFT, In-Band IMD Products of
OFDM Signal in Figure 40
–110
–100
–90
–80
–70
–60
–50
–40
–30
–120
33.5
33.7
33.9
34.1
34.3
34.5
34.7
34.9
35.1
35.3
35.5
FREQUENCY (MHz)
Figure 44. AD9863 Tx Path FFT, Upper-Band IMD Products of
OFDM Signal in Figure 40
–110
–100
–90
–80
–70
–60
–50
–40
–30
–120
0
1020
3040
506070
8090
FREQUENCY (MHz)
Figure 45. AD9863 Tx Path FFT of OFDM Signal in Figure 40,
with 2× Interpolation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com