Electronic Components Datasheet Search
  English  ▼

X  

AD9863 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9863
Description  Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9863 Datasheet HTML 11Page - Analog Devices AD9863 Datasheet HTML 12Page - Analog Devices AD9863 Datasheet HTML 13Page - Analog Devices AD9863 Datasheet HTML 14Page - Analog Devices AD9863 Datasheet HTML 15Page - Analog Devices AD9863 Datasheet HTML 16Page - Analog Devices AD9863 Datasheet HTML 17Page - Analog Devices AD9863 Datasheet HTML 18Page - Analog Devices AD9863 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
AD9863
Rev. A | Page 15 of 40
Figure 34 to Figure 39 use the same input data to the Tx path, a 256-carrier OFDM signal over a 1.75 MHz bandwidth, centered at 7 MHz.
The four center carriers are removed from the signal to observe the in-band intermodulation distortion (IMD) from the DAC output.
–110
–100
–90
–80
–70
–60
–50
–40
–30
–120
–130
6.0
6.2
6.4
6.6
6.8
7.0
7.2
7.4
7.6
7.8
8.0
FREQUENCY (MHz)
Figure 34. AD9863 Tx Path FFT, 256-Carrier (Four Center Carriers Removed)
OFDM Signal over 1.75 MHz Bandwidth, Centered at 7 MHz, with
20 mA Full-Scale Output into 60 Ω Differential Load
–110
–100
–90
–80
–70
–60
–50
–40
–30
–120
–130
6.06
6.08
6.10
6.12
6.14
6.16
6.18
FREQUENCY (MHz)
Figure 35. AD9863 Tx Path FFT, Lower-Band IMD Products of
OFDM Signal in Figure 34
–110
–100
–90
–80
–70
–60
–50
–40
–30
–120
–130
0
5
10
15
20
25
FREQUENCY (MHz)
Figure 36. AD9863 Tx Path FFT of OFDM Signal in Figure 34,
with 1× Interpolation
–110
–100
–90
–80
–70
–60
–50
–40
–30
–120
–130
6.97
6.98
6.99
7.00
7.01
7.02
7.03
FREQUENCY (MHz)
Figure 37. AD9863 Tx Path FFT, In-Band IMD Products of
OFDM Signal in Figure 34
–110
–100
–90
–80
–70
–60
–50
–40
–30
–120
–130
7.81
7.83
7.85
7.87
7.89
7.91
7.93
FREQUENCY (MHz)
Figure 38. AD9863 Tx Path FFT, Upper-Band IMD Products of
OFDM Signal in Figure 34
–110
–100
–90
–80
–70
–60
–50
–40
–30
–120
–130
0
5
10
15
20
25
FREQUENCY (MHz)
Figure 39. AD9863 Tx Path FFT of OFDM Signal in Figure 34,
with 2× Interpolation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com