Electronic Components Datasheet Search
  English  ▼

X  

AD9863 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9863
Description  Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9863 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9863 Datasheet HTML 5Page - Analog Devices AD9863 Datasheet HTML 6Page - Analog Devices AD9863 Datasheet HTML 7Page - Analog Devices AD9863 Datasheet HTML 8Page - Analog Devices AD9863 Datasheet HTML 9Page - Analog Devices AD9863 Datasheet HTML 10Page - Analog Devices AD9863 Datasheet HTML 11Page - Analog Devices AD9863 Datasheet HTML 12Page - Analog Devices AD9863 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
AD9863
Rev. A | Page 9 of 40
Pin No.
Name1
Description2, 3
52
REFB
ADC Bottom Reference.
54, 55
VIN+B, VIN−B
ADC B Differential Input.
56
VREF
ADC Band Gap Reference.
57, 58
VIN−A, VIN+A
ADC A Differential Input.
60
REFT
ADC Top Reference.
62
RxPWRDWN
Rx Analog Power-Down Control.
63
TxPWRDWN
Tx Analog Power-Down Control.
64
SPI_CS
SPI: Serial Port Chip Select. At power-up or reset, this must be high.
No SPI: Tie low to disable SPI and use mode pins. This pin must be tied low.
1 Underlined pin names and descriptions apply when the device is configured without a serial port interface, referred to as No SPI mode.
2 Some pin descriptions depend on whether a serial port is used (SPI mode) or not (No SPI mode), indicated by the labels SPI and No SPI.
3 Some pin descriptions depend on the interface configuration: full-duplex (FD), half-duplex interleaved data (HD12), half-duplex parallel data (HD24), and a half-duplex
interface similar to the AD9860 and AD9862 data interface called clone mode (Clone). Clone mode requires a serial port interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com