Electronic Components Datasheet Search
  English  ▼

X  

TEST Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # TEST
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TEST Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button TEST Datasheet HTML 13Page - List of Unclassifed Manufacturers TEST Datasheet HTML 14Page - List of Unclassifed Manufacturers TEST Datasheet HTML 15Page - List of Unclassifed Manufacturers TEST Datasheet HTML 16Page - List of Unclassifed Manufacturers TEST Datasheet HTML 17Page - List of Unclassifed Manufacturers TEST Datasheet HTML 18Page - List of Unclassifed Manufacturers TEST Datasheet HTML 19Page - List of Unclassifed Manufacturers TEST Datasheet HTML 20Page - List of Unclassifed Manufacturers TEST Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 18 September 2013
17 of 49
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander
Transfer of data can be stopped at any time by a STOP condition. When this occurs, data present at the latest acknowledge
phase is valid (output mode). It is assumed that the command byte has previously been programmed with 00h (read Input port
register).
This figure eliminates the command byte transfer, a restart, and slave address call between the initial slave address call and
actual data transfer from P port (see Figure 12).
Fig 14. Read Input port register (latch enabled)
10000
AD
DR
1
A
S0
slave address
START condition
R/W
acknowledge from slave
002aah091
data from port
A
acknowledge from master
SDA
1
no acknowledge
from master
read from
port
data into
port
data from port
DATA 1
DATA 1
INT
DATA 2
DATA 2
P
STOP
condition
tv(INT)
trst(INT)
th(D)
tsu(D)
12345678
SCL
9
DATA 1
INT is cleared by
read from port
STOP not needed
to clear INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com