Electronic Components Datasheet Search
  English  ▼

X  

TEST Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # TEST
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TEST Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button TEST Datasheet HTML 10Page - List of Unclassifed Manufacturers TEST Datasheet HTML 11Page - List of Unclassifed Manufacturers TEST Datasheet HTML 12Page - List of Unclassifed Manufacturers TEST Datasheet HTML 13Page - List of Unclassifed Manufacturers TEST Datasheet HTML 14Page - List of Unclassifed Manufacturers TEST Datasheet HTML 15Page - List of Unclassifed Manufacturers TEST Datasheet HTML 16Page - List of Unclassifed Manufacturers TEST Datasheet HTML 17Page - List of Unclassifed Manufacturers TEST Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 18 September 2013
14 of 49
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander
7.6 Power-on reset
When power (from 0 V) is applied to VDD(P), an internal power-on reset holds the
PCAL6408A in a reset condition until VDD(P) has reached VPOR. At that time, the reset
condition is released and the PCAL6408A registers and I2C-bus/SMBus state machine
initialize to their default states. After that, VDD(P) must be lowered to below VPOR and back
up to the operating voltage for a power-reset cycle. See Section 9.3 “Power-on reset
requirements”.
7.7 Reset input (RESET)
The RESET input can be asserted to initialize the system while keeping the VDD(P) at its
operating level. A reset can be accomplished by holding the RESET pin LOW for a
minimum of tw(rst). The PCAL6408A registers and I2C-bus/SMBus state machine are
changed to their default state once RESET is LOW (0). When RESET is HIGH (1), the I/O
levels at the P port can be changed externally or through the master. This input requires a
pull-up resistor to VDD(I2C-bus) if no active connection is used.
7.8 Interrupt output (INT)
An interrupt is generated by any rising or falling edge of the port inputs in the Input mode.
After time tv(INT), the signal INT is valid. Resetting the interrupt circuit is achieved when
data on the port is changed to the original setting or when data is read from the port that
generated the interrupt (see Figure 13). Resetting occurs in the Read mode at the
acknowledge (ACK) or not acknowledge (NACK) bit after the rising edge of the SCL
signal. Interrupts that occur during the ACK or NACK clock pulse can be lost (or be very
short) due to the resetting of the interrupt during this pulse. Each change of the I/Os after
resetting is detected and is transmitted as INT.
A pin configured as an output cannot cause an interrupt. Changing an I/O from an output
to an input may cause a false interrupt to occur, if the state of the pin does not match the
contents of the Input port register.
The INT output has an open-drain structure and requires a pull-up resistor to VDD(P) or
VDD(I2C-bus) depending on the application. INT should be connected to the voltage source
of the device that requires the interrupt information. When using the input latch feature,
the input pin state is latched. The interrupt is reset only when data is read from the port
that generated the interrupt. The reset occurs in the Read mode at the acknowledge
(ACK) or not acknowledge (NACK) bit after the rising edge of the SCL signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com