Electronic Components Datasheet Search
  English  ▼

X  

TEST Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # TEST
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TEST Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button TEST Datasheet HTML 22Page - List of Unclassifed Manufacturers TEST Datasheet HTML 23Page - List of Unclassifed Manufacturers TEST Datasheet HTML 24Page - List of Unclassifed Manufacturers TEST Datasheet HTML 25Page - List of Unclassifed Manufacturers TEST Datasheet HTML 26Page - List of Unclassifed Manufacturers TEST Datasheet HTML 27Page - List of Unclassifed Manufacturers TEST Datasheet HTML 28Page - List of Unclassifed Manufacturers TEST Datasheet HTML 29Page - List of Unclassifed Manufacturers TEST Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 18 September 2013
26 of 49
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander
[1]
All typical values are at nominal supply voltage (1.8 V, 2.5 V, 3.3 V or 5 V VDD) and Tamb =25 C.
[2]
When power (from 0 V) is applied to VDD(P), an internal power-on reset holds the PCAL6408A in a reset condition until VDD(P) has
reached VPOR. At that time, the reset condition is released, and the PCAL6408A registers and I2C-bus/SMBus state machine initialize to
their default states. After that, VDD(P) must be lowered to below 0.2 V and back up to the operating voltage for a power-reset cycle.
[3]
The total current sourced by all I/Os must be limited to 80 mA.
[4]
Each I/O must be externally limited to a maximum of 25 mA, for a device total of 200 mA.
[5]
Typical value for Tamb =25 C. VOL = 0.4 V and VDD = 3.3 V. Typical value for VDD <2.5 V, VOL =0.6 V.
[6]
Internal pull-up/pull-down resistor disabled.
I
DD
additional quiescent
supply current[6]
SCL, SDA, RESET;
one input at VDD(I2C-bus)  0.6 V,
other inputs at VDD(I2C-bus) or VSS;
VDD(P) = 1.65 V to 5.5 V
--
25
A
P port, ADDR;
one input at VDD(P)  0.6 V,
other inputs at VDD(P) or VSS;
VDD(P) = 1.65 V to 5.5 V
--
80
A
Ci
input capacitance
SCL; VI =VDD(I2C-bus) or VSS;
VDD(P) = 1.65 V to 5.5 V
-6
7
pF
Cio
input/output capacitance
SDA; VI/O =VDD(I2C-bus) or VSS;
VDD(P) = 1.65 V to 5.5 V
-7
8
pF
P port; VI/O =VDD(P) or VSS;
VDD(P) = 1.65 V to 5.5 V
-7.5
8.5
pF
Rpu(int)
internal pull-up resistance input/output
50
100
150
k
Rpd(int)
internal pull-down
resistance
input/output
50
100
150
k
Table 23.
Static characteristics …continued
Tamb = 40 C to +85 C; VDD(I2C-bus) = 1.65 V to 5.5 V; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1] Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com