Electronic Components Datasheet Search
  English  ▼

X  

TEST Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # TEST
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TEST Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button TEST Datasheet HTML 19Page - List of Unclassifed Manufacturers TEST Datasheet HTML 20Page - List of Unclassifed Manufacturers TEST Datasheet HTML 21Page - List of Unclassifed Manufacturers TEST Datasheet HTML 22Page - List of Unclassifed Manufacturers TEST Datasheet HTML 23Page - List of Unclassifed Manufacturers TEST Datasheet HTML 24Page - List of Unclassifed Manufacturers TEST Datasheet HTML 25Page - List of Unclassifed Manufacturers TEST Datasheet HTML 26Page - List of Unclassifed Manufacturers TEST Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 18 September 2013
23 of 49
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander
10. Limiting values
[1]
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
11. Recommended operating conditions
Table 20.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD(I2C-bus)
I2C-bus supply voltage
0.5
+6.5
V
VDD(P)
supply voltage port P
0.5
+6.5
V
VI
input voltage
[1]
0.5
+6.5
V
VO
output voltage
[1]
0.5
+6.5
V
IIK
input clamping current
ADDR, RESET, SCL; VI <0V
-
20
mA
IOK
output clamping current
INT; VO <0V
-
20
mA
IIOK
input/output clamping current
P port; VO <0V orVO >VDD(P)
-
20
mA
SDA; VO <0 V orVO >VDD(I2C-bus)
-
20
mA
IOL
LOW-level output current
continuous; P port; VO = 0 V to VDD(P)
-50
mA
continuous; SDA, INT; VO = 0 V to VDD(I2C-bus)
-25
mA
IOH
HIGH-level output current
continuous; P port; VO = 0 V to VDD(P)
-25
mA
IDD
supply current
continuous through VSS
-200
mA
IDD(P)
supply current port P
continuous through VDD(P)
-160
mA
IDD(I2C-bus)
I2C-bus supply current
continuous through VDD(I2C-bus)
-10
mA
Tstg
storage temperature
65
+150
C
Table 21.
Operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VDD(I2C-bus)
I2C-bus supply voltage
1.65
5.5
V
VDD(P)
supply voltage port P
1.65
5.5
V
VIH
HIGH-level input voltage
SCL, SDA, RESET
0.7
 V
DD(I2C-bus)
5.5
V
ADDR, P7 to P0
0.7
 V
DD(P)
5.5
V
VIL
LOW-level input voltage
SCL, SDA, RESET
0.5
0.3
 V
DD(I2C-bus)
V
ADDR, P7 to P0
0.5
0.3
 V
DD(P)
V
IOH
HIGH-level output current
P7 to P0
-
10
mA
IOL
LOW-level output current
P7 to P0
-
25
mA
Tamb
ambient temperature
operating in free air
40
+85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com