Electronic Components Datasheet Search
  English  ▼

X  

TEST Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # TEST
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TEST Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button TEST Datasheet HTML 20Page - List of Unclassifed Manufacturers TEST Datasheet HTML 21Page - List of Unclassifed Manufacturers TEST Datasheet HTML 22Page - List of Unclassifed Manufacturers TEST Datasheet HTML 23Page - List of Unclassifed Manufacturers TEST Datasheet HTML 24Page - List of Unclassifed Manufacturers TEST Datasheet HTML 25Page - List of Unclassifed Manufacturers TEST Datasheet HTML 26Page - List of Unclassifed Manufacturers TEST Datasheet HTML 27Page - List of Unclassifed Manufacturers TEST Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 18 September 2013
24 of 49
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander
12. Thermal characteristics
[1]
The package thermal impedance is calculated in accordance with JESD 51-7.
13. Static characteristics
Table 22.
Thermal characteristics
Symbol
Parameter
Conditions
Max
Unit
Zth(j-a)
transient thermal impedance from junction to ambient
TSSOP16 package
[1] 108
K/W
HVQFN16 package
[1] 53
K/W
XQFN16 package
[1] 184
K/W
Table 23.
Static characteristics
Tamb = 40 C to +85 C; VDD(I2C-bus) = 1.65 V to 5.5 V; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1] Max
Unit
VIK
input clamping voltage
II = 18 mA; VDD(P) = 1.65 V to 5.5 V
1.2
-
-
V
VPOR
power-on reset voltage
VI =VDD(P) or VSS; IO =0mA;
VDD(P) = 1.65 V to 5.5 V
[2] -1
1.4
V
VOH
HIGH-level output
voltage[3]
P port; IOH = 8 mA; CCX = 11b
VDD(P) =1.65V
1.2
-
-
V
VDD(P) = 2.3 V
1.8
-
-
V
VDD(P) =3V
2.6
-
-
V
VDD(P) = 4.5 V
4.1
-
-
V
P port; IOH = 2.5 mA and CCX = 00b;
IOH = 5 mA and CCX = 01b;
IOH = 7.5 mA and CCX = 10b;
IOH = 10 mA and CCX = 11b;
VDD(P) =1.65V
1.1
-
-
V
VDD(P) = 2.3 V
1.7
-
-
V
VDD(P) =3V
2.5
-
-
V
VDD(P) = 4.5 V
4.0
-
-
V
VOL
LOW-level
output voltage[3]
P port; IOL =8mA; CCX =11b
VDD(P) = 1.65 V
-
-
0.45
V
VDD(P) = 2.3 V
-
-
0.25
V
VDD(P) =3V
-
-
0.25
V
VDD(P) = 4.5 V
-
-
0.2
V
P port; IOL = 2.5 mA and CCX = 00b;
IOL = 5 mA and CCX = 01b;
IOL = 7.5 mA and CCX = 10b;
IOL = 10 mA and CCX = 11b;
VDD(P) =1.65V
-
-
0.5
V
VDD(P) = 2.3 V
-
-
0.3
V
VDD(P) =3V
-
-
0.25
V
VDD(P) = 4.5 V
-
-
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com