Electronic Components Datasheet Search
  English  ▼

X  

MSC8122 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MSC8122
Description  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8122 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MSC8122 Datasheet HTML 18Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 19Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 20Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 21Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 22Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 23Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 24Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 25Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 88 page
background image
MSC8122 Technical Data, Rev. 13
1-12
Freescale Semiconductor
Signals/Connections
IRQ1
DP1
DACK1
EXT_BG2
Input
Input/ Output
Output
Output
Interrupt Request 1
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
System Bus Data Parity 1
The agent that drives the data bus also drives the data parity signals. The value driven on the data parity
1 pin should give odd parity (odd number of ones) on the group of signals that includes data parity 1 and
D[8–15].
DMA Acknowledge 1
The DMA controller drives this output to acknowledge the DMA transaction on the bus.
External Bus Grant 22
The MSC8122 asserts this pin to grant bus ownership to an external bus master.
IRQ2
DP2
DACK2
EXT_DBG2
Input
Input/ Output
Output
Output
Interrupt Request 2
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
System Bus Data Parity 2
The agent that drives the data bus also drives the data parity signals. The value driven on the data parity
2 pin should give odd parity (odd number of ones) on the group of signals that includes data parity 2 and
D[16–23].
DMA Acknowledge 2
The DMA controller drives this output to acknowledge the DMA transaction on the bus.
External Data Bus Grant 22
The MSC8122 asserts this pin to grant data bus ownership to an external bus master.
IRQ3
DP3
DREQ2
EXT_BR3
Input
Input/ Output
Input
Input
Interrupt Request 3
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
System Bus Data Parity 3
The agent that drives the data bus also drives the data parity signals. The value driven on the data parity
3 pin should give odd parity (odd number of ones) on the group of signals that includes data parity 3 and
D[24–31].
DMA Request 2
Used by an external peripheral to request DMA service.
External Bus Request 32
An external master should assert this pin to request bus ownership from the internal arbiter.
IRQ4
DP4
DACK3
EXT_DBG3
Input
Input/ Output
Output
Output
Interrupt Request 4
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
System Bus Data Parity 4
The agent that drives the data bus also drives the data parity signals. The value driven on the data parity
4 pin should give odd parity (odd number of ones) on the group of signals that includes data parity 4 and
D[32–39].
DMA Acknowledge 3
The DMA controller drives this output to acknowledge the DMA transaction on the bus.
External Data Bus Grant 32
The MSC8122 asserts this pin to grant data bus ownership to an external bus master.
Table 1-5.
DSI, System Bus, Ethernet, and Interrupt Signals (Continued)
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com