Electronic Components Datasheet Search
  English  ▼

X  

MSC8122 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MSC8122
Description  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8122 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MSC8122 Datasheet HTML 21Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 22Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 23Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 24Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 25Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 26Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 27Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 28Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 88 page
background image
Memory Controller Signals
MSC8122 Technical Data, Rev. 13
Freescale Semiconductor
1-15
PSDA10
PGPL0
Output
Output
System Bus SDRAM A10
From the bus SDRAM controller. The precharge command defines which bank is precharged. When the
row address is driven, it is a part of the row address. When column address is driven, it is a part of column
address.
System Bus UPM General-Purpose Line 0
One of six general-purpose output lines from the UPM. The values and timing of this pin are programmed
in the UPM.
PSDWE
PGPL1
Output
Output
System Bus SDRAM Write Enable
From the bus SDRAM controller. Should connect to SDRAM WE input.
System Bus UPM General-Purpose Line 1
One of six general-purpose output lines from the UPM. The values and timing of this pin are programmed
in the UPM.
POE
PSDRAS
PGPL2
Output
Output
Output
System Bus Output Enable
From the bus GPCM. Controls the output buffer of memory devices during read operations.
System Bus SDRAM RAS
From the bus SDRAM controller. Should connect to SDRAM RAS input.
System Bus UPM General-Purpose Line 2
One of six general-purpose output lines from the UPM. The values and timing of this pin are programmed
in the UPM.
PSDCAS
PGPL3
Output
Output
System Bus SDRAM CAS
From the bus SDRAM controller. Should connect to SDRAM CAS input.
System Bus UPM General-Purpose Line 3
One of six general-purpose output lines from the UPM. The values and timing of this pin are programmed
in the UPM.
PGTA
PUPMWAIT
PGPL4
PPBS
Input
Input
Output
Output
System GPCM TA
Terminates external transactions during GPCM operation. Requires an external pull-up resistor for proper
operation.
System Bus UPM Wait
An external device holds this pin low to force the UPM to wait until the device is ready to continue the
operation.
System Bus UPM General-Purpose Line 4
One of six general-purpose output lines from the UPM. The values and timing of this pin are programmed
in the UPM.
System Bus Parity Byte Select
In systems that store data parity in a separate chip, this output is used as the byte-select for that chip.
PSDAMUX
PGPL5
Output
Output
System Bus SDRAM Address Multiplexer
Controls the system bus SDRAM address multiplexer when the MSC8122 is in external master mode.
System Bus UPM General-Purpose Line 5
One of six general-purpose output lines from the UPM. The values and timing of this pin are programmed
in the UPM.
Table 1-6.
Memory Controller Signals (Continued)
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com