Electronic Components Datasheet Search
  English  ▼

X  

MSC8122 Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # MSC8122
Description  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8122 Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button MSC8122 Datasheet HTML 80Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 81Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 82Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 83Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 84Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 85Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 86Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 87Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 88Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 86 / 88 page
background image
MSC8122 Technical Data, Rev. 13
4-4
Freescale Semiconductor
Design Considerations
•In CLKOUT synchronization mode (for 1.2 V devices), CLKOUT is the main clock to SDRAM. Use the
following connections:
— Connect the oscillator output through a buffer to CLKIN.
— Connect CLKOUT through a zero-delay buffer to the slave device (for example, SDRAM) using the
following guidelines:
•
The maximum delay between the slave and CLKOUT must not exceed 0.7 ns.
•
The maximum load on CLKOUT must not exceed 10 pF.
•
Use a zero-delay buffer with a jitter less than 0.3 ns.
— All clock modes are valid in this clock scheme.
Note:
See the Clock chapter in the MSC8122 Reference Manual for details.
•
If the 60x-compatible system bus is not used and SIUMCR[PBSE] is set, PPBS can be disconnected.
Otherwise, it should be pulled up.
•
The following signals: SWTE, DSISYNC, DSI64, MODCK[1–2], CNFGS, CHIPID[0–3], RSTCONF and BM[0–2] are
used to configure the MSC8122 and are sampled on the deassertion of the PORESET signal. Therefore, they
should be tied to GND or VDDH or through a pull-down or a pull-up resistor until the deassertion of the PORESET
signal.
•
When they are used, INT_OUT (if SIUMCR[INTODC] is cleared), NMI_OUT, and IRQxx (if not full drive)
signals must be pulled up.
•
When the Ethernet controller is enabled and the SMII mode is selected, GPIO10 and GPIO14 must not be
connected externally to any signal line.
Note:
For details on configuration, see the MSC8122 User’s Guide and MSC8122 Reference Manual. For
additional information, refer to the MSC8122 Design Checklist (AN2787).
4.4 External SDRAM Selection
The external bus speed implemented in a system determines the speed of the SDRAM used on that bus. However,
because of differences in timing characteristics among various SDRAM manufacturers, you may have use a faster
speed rated SDRAM to assure efficient data transfer across the bus. For example, for 166 MHz operation, you may
have to use 183 or 200 MHz SDRAM. Always perform a detailed timing analysis using the MSC8122 bus timing
values and the manufacturer specifications for the SDRAM to ensure correct operation within your system design.
The output delay listed in SDRAM specifications is usually given for a load of 30 pF. Scale the number to your
specific board load using the typical scaling number provided by the SDRAM manufacturer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com