Electronic Components Datasheet Search
  English  ▼

X  

MSC8122 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MSC8122
Description  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8122 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MSC8122 Datasheet HTML 22Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 23Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 24Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 25Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 26Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 27Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 28Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 29Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 88 page
background image
MSC8122 Technical Data, Rev. 13
1-16
Freescale Semiconductor
Signals/Connections
1.6 GPIO, TDM, UART, and Timer Signals
The general-purpose input/output (GPIO), time-division multiplexed (TDM), universal asynchronous
receiver/transmitter (UART), and timer signals are grouped together because they use a common set of signal lines.
Individual assignment of a signal to a specific signal line is configured through internal registers. Table 1-7
describes the signals in this group.
Table 1-7.
GPIO, TDM, UART, Ethernet, and Timer Signals
Signal Name
Type
Description
GPIO0
CHIP_ID0
IRQ4
ETHTXD0
Input/ Output
Input
Input
Output
General-Purpose Input Output 0
One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs.
Chip ID 0
Determines the chip ID of the MSC8122 DSI. It is sampled on the rising edge of PORESET signal.
Interrupt Request 4
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
Ethernet Transmit Data 0
For MII or RMII mode, bit 0 of the Ethernet transmit data.
GPIO1
TIMER0
CHIP_ID1
IRQ5
ETHTXD1
Input/ Output
Input/ Output
Input
Input
Output
General-Purpose Input Output 1
One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs.
Timer 0
Each signal is configured as either input to or output from the counter. See the MSC8122 Reference
Manual for configuration details.
Chip ID 1
Determines the chip ID of the MSC8122 DSI. It is sampled on the rising edge of PORESET signal.
Interrupt Request 5
One of the fifteen external lines that can request a service routine, via the internal interrupt controller, from
the SC140 core.
Ethernet Transmit Data 1
For MII or RMII mode, bit 1 of the Ethernet transmit data.
GPIO2
TIMER1
CHIP_ID2
IRQ6
Input/ Output
Input/ Output
Input
Input
General-Purpose Input Output 2
One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. For
details, refer to the MSC8122 Reference Manual.
Timer 1
Each signal is configured as either input to or output from the counter. For the configuration of the pin
direction, refer to the MSC8122 Reference Manual.
Chip ID 2
Determines the chip ID of the MSC8122 DSI. It is sampled on the rising edge of PORESET signal.
Interrupt Request 6
One of the fifteen external lines that can request a service routine, via the internal interrupt controller, from
the SC140 core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com