| Electronic Components Datasheet Search |
|
MSC8122 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MSC8122 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc |
|
15 / 88 page ![]() Direct Slave Interface, System Bus, Ethernet, and Interrupt Signals MSC8122 Technical Data, Rev. 13 Freescale Semiconductor 1-5 HD[32–39] D[32–39] Reserved Input/ Output Input/ Output Input Host Data Bus 32–39 Bits 32–39 of the DSI data bus. System Bus Data 32–39 For write transactions, the bus master drives valid data on this bus. For read transactions, the slave drives valid data on this bus. If the Ethernet port is enabled and multiplexed with the DSI/System bus, these pins are reserved and can be left unconnected. HD40 D40 ETHRXD0 Input/ Output Input/ Output Input Host Data Bus 40 Bit 40 of the DSI data bus. System Bus Data 40 For write transactions, the bus master drives valid data on this line. For read transactions, the slave drives valid data on this bus. Ethernet Receive Data 0 In MII and RMII modes, bit 0 of the Ethernet receive data. HD41 D41 ETHRXD1 Input/ Output Input/ Output Input Host Data Bus 41 Bit 41 of the DSI data bus. System Bus Data 41 For write transactions, the bus master drives valid data on this line. For read transactions, the slave drives valid data on this bus. Ethernet Receive Data 1 In MII and RMII modes, bit 1 of the Ethernet receive data. HD42 D42 ETHRXD2 Reserved Input/ Output Input/ Output Input Input Host Data Bus 42 Bit 42 of the DSI data bus. System Bus Data 42 For write transactions, the bus master drives valid data on this line. For read transactions, the slave drives valid data on this bus. Ethernet Receive Data 2 In MII mode only, bit 2 of the Ethernet receive data. In RMII mode, this pin is reserved and can be left unconnected. HD43 D43 ETHRXD3 Reserved Input/ Output Input/ Output Input Input Host Data Bus 43 Bit 43 of the DSI data bus. System Bus Data 43 For write transactions, the bus master drives valid data on this line. For read transactions, the slave drives valid data on this bus. Ethernet Receive Data 3 In MII mode only, bit 3 of the Ethernet receive data. In RMII mode, this pin is reserved and can be left unconnected. HD[44–45] D[44–56] Reserved Input/ Output Input/ Output Input Host Data Bus 44–45 Bits 44–45 of the DSI data bus. System Bus Data 44–45 For write transactions, the bus master drives valid data on this bus. For read transactions, the slave drives valid data on this bus. If the Ethernet port is enabled and multiplexed with the DSI/System bus, these pins are reserved and can be left unconnected. Table 1-5. DSI, System Bus, Ethernet, and Interrupt Signals (Continued) Signal Name Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |