Electronic Components Datasheet Search
  English  ▼

X  

AK4344 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK4344
Description  100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4344 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK4344 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
[AK4344]
PIN/FUNCTION
No. Pin Name
I/O
Function
1
MCLK
I
Master Clock Input Pin
2
BICK
I
Audio Serial Data Clock Pin
3
SDTI1
I
Audio Serial Data Input Pin1
4
LRCK
I
Input Channel Clock Pin
5
PDN
I
Full Power Down Mode Pin
“L” : Power down, “H” : Power up
6
CSN
I
Chip Select Pin 0
7
CCLK
I
Control Data Clock Pin
8
CDTI
I
Control Data Input Pin
9
TEST1
I
TEST Pin
This pin must be connected to VSS.
10
ROUT
O
Rch Analog Output Pin, The output is “Hi-Z” when PDN pin = “L”.
11
LOUT
O
Lch Analog Output Pin, The output is “Hi-Z” when PDN pin = “L”.
12
VCOM
O
Common Voltage Output Pin, 0.5
× VDD
Normally connected to VSS with a 4.7
μF (min. 1μF, max. 10μF) electrolytic
Capacitor. The output is “L” when PDN pin = “L”
13
VSS
-
Ground Pin
14
VDD
-
Power Supply Pin, 2.7
∼ 3.6V
CDTO
O
Control Data Output Pin in serial mode, The output is “Hi-Z” when PDN pin = “L”.
15
SDTI2
I
Audio Serial Data Input Pin2
16
TEST2
O
TEST Pin
This pin must be OPEN.
Note: All digital input pins should not be left floating.
MS0641-E-00
2007/06
- 4 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com