Electronic Components Datasheet Search
  English  ▼

X  

AK4344 Datasheet(PDF) 17 Page - Asahi Kasei Microsystems

Part # AK4344
Description  100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4344 Datasheet(HTML) 17 Page - Asahi Kasei Microsystems

Back Button AK4344 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 14Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 15Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 16Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 17Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 18Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 19Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 20Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 21Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
[AK4344]
■ μP Control Interface
The AK4344 can select 4-wire
μP I/F mode (MODE bit = “0”) or 3-wire μP I/F mode (MODE bit = “1”).
1.4-wire
μP I/F mode (MODE bit = “0”, default)
The internal registers may be either written or read by the 4-wire
μP interface pins: CSN, CCLK, CDTI and CDTO. The
data on this interface consists of Chip address (2bits, C1/0; fixed to “01”), Read/Write (1bit), Register address (MSB first,
5bits) and Control data (MSB first, 8bits). Address and data are clocked in on the rising edge of CCLK and data is clocked
out on the falling edge. For write operations, data is latched after the 16th rising edge of CCLK, after a high-to-low
transition of CSN. CSN should be set to “H” once after 16 CCLKs. For read operations, the CDTO output goes high
impedance after a low-to-high transition of CSN. The maximum speed of CCLK is 5MHz. PDN pin = “L” resets the
registers to their default values.
CCLK
CSN
0
1
2
34567
8
9
10
11 12
13
14
15
CDTI
C1
D4
D5
D6
D7
A1
A2
A3
A4
R/W
C0
A0
D0
D1
D2
D3
CDTO
Hi-Z
WRITE
CDTI
C1
D4
D5
D6
D7
A1
A2
A3
A4
R/W
C0
A0
D0
D1
D2
D3
CDTO
Hi-Z
READ
D4
D5
D6
D7
D0
D1
D2
D3
Hi-Z
C1-C0: Chip Address: (Fixed to “01”)
R/W: READ/WRITE (0:READ, 1:WRITE)
A4-A0: Register Address
D7-D0: Control Data
Figure 17. 4-wire Serial Control I/F Timing
*When the AK4344 is in the power down mode (PDN pin = “L”) or the MCLK is not provided, writing into the control
register is inhibited.
MS0641-E-00
2007/06
- 17 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com