Electronic Components Datasheet Search
  English  ▼

X  

AK4344 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK4344
Description  100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4344 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK4344 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
[AK4344]
SWITCHING CHARACTERISTICS
(Ta=25
°C; VDD=2.7 ∼ 3.6V; CL = 20pF)
Parameter
Symbol
min
typ
max
Units
Master Clock Frequency
Half Speed Mode (512/768/1024/1536fs)
Normal Speed Mode (256/384/512/768fs)
Double Speed Mode (128/192/256/384fs)
Duty Cycle
fCLK
fCLK
fCLK
dCLK
4.096
2.048
6.144
40
36.864
36.864
36.864
60
MHz
MHz
MHz
%
LRCK Frequency
Half Speed Mode
(DFS1-0 = “10”)
Normal Speed Mode (DFS1-0 = “00”)
Double Speed Mode
(DFS1-0 = “01”)
Duty Cycle
fsh
fsn
fsd
dCLK
8
8
48
45
24
48
96
55
kHz
kHz
kHz
%
Audio Interface Timing
BICK Period
Half Speed Mode
Normal Speed Mode
Double Speed Mode
BICK Pulse Width Low
Pulse Width High
BICK “
↑” to LRCK Edge
(Note 11)
LRCK Edge to BICK “
↑”
(Note 11)
SDTI Hold Time
SDTI Setup Time
tBCK
tBCK
tBCK
tBCKL
tBCKH
tBLR
tLRB
tSDH
tSDS
1/128fs
1/128fs
1/64fs
70
70
40
40
40
40
ns
ns
ns
ns
ns
ns
ns
ns
ns
Control Interface Timing
CCLK Period
CCLK Pulse Width Low
Pulse Width High
CDTI Setup Time
CDTI Hold Time
CSN “H” Time
CSN “
↓” to CCLK “↑”
CCLK “
↑” to CSN “↑”
CDTO Delay
CSN “
↑” to CDTO Hi-Z
tCCK
tCCKL
tCCKH
tCDS
tCDH
tCSW
tCSS
tCSH
tDCD
tCCZ
200
80
80
40
40
150
150
50
45
70
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Power-Down & Reset Timing
PDN Pulse Width
(Note 12)
tPD
4
ms/μF
Note 11. BICK rising edge must not occur at the same time as LRCK edge.
Note 12. The AK4344 can be reset by bringing PDN pin = “L”.
The PDN pulse width is proportional to the value of the capacitor (C) connected to VCOM pin. tPD = 4000
× C.
When C = 4.7
μF, tPD is 19ms(min).
The value of the capacitor (C) connected with VCOM pin should be 1
μF ≤ C ≤ 10μF.
When the states of DIF1-0 pins change, the AK4344 should be reset by PDN pin.
MS0641-E-00
2007/06
- 8 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com