Electronic Components Datasheet Search
  English  ▼

X  

AK4344 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK4344
Description  100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4344 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK4344 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
[AK4344]
FILTER CHARACTERISTICS
(Ta=25
°C; VDD=2.7 ∼ 3.6V; fs=44.1kHz; DEM1 bit= “0”, DEM0 bit= “1”)
Parameter
Symbol
min
typ
max
Units
DAC Digital Filter:
Passband
(Note 8)
±0.05dB
−6.0dB
PB
0
-
22.05
20.0
-
kHz
kHz
Stopband
(Note 8)
SB
24.1
kHz
Passband Ripple
PR
±0.01
dB
Stopband Attenuation
SA
54
dB
Group Delay
(Note 9)
GD
-
24.0
-
1/fs
Digital Filter + SCF + CTF:
Frequency Response
0
∼ 20kHz
∼ 40kHz
(Note 10)
FR
-
-
±0.1
±0.2
-
dB
-
dB
Note 8. The passband and stopband frequencies scale with fs (system sampling rate).
Note 9. The calculating delay time which occurred by digital filtering. This time is from setting the 16/24bit data
of both channels to input register to the output of analog signal.
Note 10. At fs=96kHz.
DC CHARACTERISTICS
(Ta=25
°C; VDD=2.7 ∼ 3.6V)
Parameter
Symbol
min
typ
max
Units
High-Level Input Voltage
Low-Level Input Voltage
VIH
VIL
70%VDD
-
-
-
-
30%VDD
V
V
High-Level Output Voltage
(Iout=-80µA)
Low-Level Output Voltage
(Iout=80µA)
VOH
VOL
VDD-0.4
-
-
-
0.4
V
V
Input Leakage Current
Iin
-
-
µA
± 10
MS0641-E-00
2007/06
- 7 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com