Electronic Components Datasheet Search
  English  ▼

X  

AK4344 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK4344
Description  100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4344 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK4344 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4344 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
[AK4344]
100dB 96kHz 24-Bit Stereo 3.3V
ΔΣ DAC
AK4344
GENERAL DESCRIPTION
The AK4344 is a 24bit low voltage & low power stereo. The AK4344 uses the Advanced Multi-Bit
ΔΣ
architecture, which achieves DR=100dB at 3.3V operation. The AK4344 integrates a combination of SCF
and CTF filters increasing performance for systems with excessive clock jitter. The output voltage level
can be set as high as 1Vrms. The AK4344 is offered in a space saving 16pin TSSOP package.
FEATURES
Sampling Rate: 8kHz
∼ 96kHz
24-Bit 8 times FIR Digital Filter
SCF with high tolerance to clock jitter
Single-ended output buffer
Digital de-emphasis for 32kHz, 44.1kHz, 48kHz sampling
I/F Format: 24-Bit MSB justified, 16/24-Bit LSB justified, I
2S Compatible
Master Clock:
512/768/1024/1536fs for Half Speed (8kHz
∼ 24kHz)
256/384/512/768fs for Normal Speed (8kHz
∼ 48kHz)
128/192/256/384fs for Double Speed (48kHz
∼ 96kHz)
µP Interface: 4-wire/3-wire
CMOS Input Level
THD+N: -90dB(0dB)
DR, S/N: 100dB
DAC output voltage level: 1Vrms (@VDD=3.3V)
Power Supply: 2.7 to 3.6V
Ta =
−20 ∼ 85°C
16pin TSSOP
MS0641-E-00
2007/06
- 1 -


Similar Part No. - AK4344

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4344 AKM-AK4344 Datasheet
706Kb / 34P
24bit and 96kHz DAC with DIT for portable and home audio systems
AK4344 AKM-AK4344 Datasheet
413Kb / 25P
100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
AK4344ET AKM-AK4344ET Datasheet
413Kb / 25P
100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
AK4344 AKM-AK4344_10 Datasheet
413Kb / 25P
100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
More results

Similar Description - AK4344

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4386 AKM-AK4386 Datasheet
129Kb / 16P
100DB 96KHZ 24 BIT 2CH
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
96kHz 24-Bit ?誇 ADC
logo
Wolfson Microelectronic...
WM8714 WOLFSON-WM8714 Datasheet
157Kb / 17P
24-bit, 96kHz Stereo DAC
logo
Asahi Kasei Microsystem...
AK4345 AKM-AK4345 Datasheet
659Kb / 26P
100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC with DIT
AK4393 AKM-AK4393_03 Datasheet
240Kb / 23P
Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
96kHz 24-Bit ?誇 ADC
AK4344 AKM-AK4344_10 Datasheet
413Kb / 25P
100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
AK4345 AKM-AK4345_10 Datasheet
488Kb / 27P
100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC with DIT
AK4393 AKM-AK4393_12 Datasheet
260Kb / 24P
Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
AK4386ET AKM-AK4386ET Datasheet
237Kb / 18P
100dB 96kHz 24-Bit 2ch ?誇 DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com