Electronic Components Datasheet Search
  English  ▼

X  

ADS5232 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5232
Description  Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5232 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS5232 Datasheet HTML 6Page - Texas Instruments ADS5232 Datasheet HTML 7Page - Texas Instruments ADS5232 Datasheet HTML 8Page - Texas Instruments ADS5232 Datasheet HTML 9Page - Texas Instruments ADS5232 Datasheet HTML 10Page - Texas Instruments ADS5232 Datasheet HTML 11Page - Texas Instruments ADS5232 Datasheet HTML 12Page - Texas Instruments ADS5232 Datasheet HTML 13Page - Texas Instruments ADS5232 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.ti.com
ADS5232
SBAS294A – JUNE 2004 – REVISED MARCH 2006
SERIAL REGISTER MAP: Shown for the Case Where Serial Interface is Used(1)
ADDRESS
DATA
DESCRIPTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
X
X
X
0
Normal Mode
0
0
0
0
X
X
X
1
Power-Down Both Channels
0
0
0
0
X
X
0
X
Straight Offset Binary Output
0
0
0
0
X
X
1
X
Binary Two's Complement Output
0
0
0
0
X
0
X
X
Channel B Digital Outputs Enabled
0
0
0
0
X
1
X
X
Channel B Digital Outputs Tri-Stated
0
0
0
0
0
X
X
X
Channel A Digital Outputs Enabled
0
0
0
0
1
X
X
X
Channel A Digital Outputs Tri-Stated
0
0
1
0
0
0
0
0
Normal Mode
0
0
1
0
0
1
0
0
All Digital Outputs Set to '1'
0
0
1
0
1
0
0
0
All Digital Outputs Set to '0'
0
0
1
1
0
0
X
0
Normal Mode
0
0
1
1
1
X
X
0
Channel A Powered Down
0
0
1
1
X
1
X
0
Channel B Powered Down
0
0
1
1
X
X
0
0
PLL Enabled (default)
0
0
1
1
X
X
1
0
PLL Disabled
(1)
X = don't care.
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com