Electronic Components Datasheet Search
  English  ▼

X  

ADS5232 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5232
Description  Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5232 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS5232 Datasheet HTML 9Page - Texas Instruments ADS5232 Datasheet HTML 10Page - Texas Instruments ADS5232 Datasheet HTML 11Page - Texas Instruments ADS5232 Datasheet HTML 12Page - Texas Instruments ADS5232 Datasheet HTML 13Page - Texas Instruments ADS5232 Datasheet HTML 14Page - Texas Instruments ADS5232 Datasheet HTML 15Page - Texas Instruments ADS5232 Datasheet HTML 16Page - Texas Instruments ADS5232 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
www.ti.com
ADS5232
SBAS294A – JUNE 2004 – REVISED MARCH 2006
PIN DESCRIPTIONS (continued)
NAME
PIN #
I/O
DESCRIPTION
D1_B
11
O
Data Bit 11 (D1), Channel B
D2_B
12
O
Data Bit 10 (D2), Channel B
D3_B
13
O
Data Bit 9 (D3), Channel B
D4_B
14
O
Data Bit 8 (D4), Channel B
D5_B
15
O
Data Bit 7 (D5), Channel B
D6_B
16
O
Data Bit 6 (D6), Channel B
D7_B
17
O
Data Bit 5 (D7), Channel B
D8_B
18
O
Data Bit 4 (D8), Channel B
D9_B
19
O
Data Bit 3 (D9), Channel B
D10_B
20
O
Data Bit 2 (D10), Channel B
D11_B (MSB)
21
O
Data Bit 1 (D11), Channel B
DVA
26
O
Data Valid, Channel A
DVB
22
O
Data Valid, Channel B
GND
4, 7, 23, 25, 44
Output Buffer Ground
INA
50
I
Analog Input, Channel A
IN A
51
I
Complementary Analog Input, Channel A
INB
63
I
Analog Input, Channel B
IN B
62
I
Complementary Analog Input, Channel B
Reference Select; 0 = External (Default), 1 = Internal; Force high to set for internal reference
INT/EXT
56
I
operation.
ISET
60
O
Bias Current Setting Resistor of 56.2k
Ω to Ground
When SEL = 0, MSBI (Most Significant Bit Invert)
MSBI/SEN
41
I
1 = Binary Two's Complement, 0 = Straight Offset Binary (Default)
When SEL = 1, SEN (Serial Write Enable)
When SEL = 0, OEA (Output Enable Channel A)
OEA/SCLK
42
I
0 = Enabled (Default), 1 = Tri-State
When SEL = 1, SCLK (Serial Write Clock)
OE B
6
I
Output Enable, Channel B (0 = Enabled [Default], 1 = Tri-State)
OVRA
39
O
Over-Range Indicator, Channel A
OVRB
9
O
Over-Range Indicator, Channel B
REFB
54
I/O
Bottom Reference/Bypass (2
Ω resistor in series with a 0.1µF capacitor to ground)
REFT
53
I/O
Top Reference/Bypass (2
Ω resistor in series with a 0.1µF capacitor to ground)
Serial interface select signal. Setting SEL = 0 configures pins 41, 42, and 45 as MSBI, OEA, and
STPD, respectively. With SEL = 0, the serial interface is disabled. Setting SEL = 1 enables the serial
interface and configures pins 41, 42, and 45 as SEN, SCLK, and SDATA, respectively. Serial
SEL
1
I
registers can be programmed using these three signals. When used in this mode of operation, it is
essential to provide a low-going pulse on SEL in order to reset the serial interface registers as soon
as the device is powered up. SEL therefore also has the functionality of a RESET signal.
When SEL = 0, STPD (Power Down)
STPD/SDATA
45
I
0 = Normal Operation (Default), 1 = Enabled
When SEL = 1, SDATA (Serial Write Data)
VDRV
5, 8, 40, 43
Output Buffer Supply
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com