Electronic Components Datasheet Search
  English  ▼

X  

ADS5232 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5232
Description  Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5232 Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS5232 Datasheet HTML 14Page - Texas Instruments ADS5232 Datasheet HTML 15Page - Texas Instruments ADS5232 Datasheet HTML 16Page - Texas Instruments ADS5232 Datasheet HTML 17Page - Texas Instruments ADS5232 Datasheet HTML 18Page - Texas Instruments ADS5232 Datasheet HTML 19Page - Texas Instruments ADS5232 Datasheet HTML 20Page - Texas Instruments ADS5232 Datasheet HTML 21Page - Texas Instruments ADS5232 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
www.ti.com
APPLICATION INFORMATION
THEORY OF OPERATION
INPUT CONFIGURATION
INPUT DRIVER CONFIGURATIONS
Transformer-Coupled Interface
ADS5232
SBAS294A – JUNE 2004 – REVISED MARCH 2006
The
ADS5232
is
a
dual-channel,
simultaneous
The analog input for the ADS5232 consists of a
sampling analog-to-digital converter (ADC). Its low
differential sample-and-hold architecture implemented
power and high sampling rate of 65MSPS is achieved
using a switched capacitor technique; see Figure 18.
using a state-of-the-art switched capacitor pipeline
The sampling circuit consists of a low-pass RC filter
architecture built on an advanced low-voltage CMOS
at the input to filter out noise components that
process. The ADS5232 operates from a +3.3V supply
potentially could be differentially coupled on the input
voltage for both
its
analog
and
digital
supply
pins. The inputs are sampled on two 4pF capacitors.
connections. The ADC core of each channel consists
The RLC model is illustrated in Figure 18.
of a combination of multi-bit and single-bit internal
pipeline stages. Each stage feeds its data into the
digital
error
correction
logic,
ensuring
excellent
differential linearity and no missing codes at the
12-bit level. The conversion process is initiated by the
If the application requires a signal conversion from a
rising edge of the external clock. Once the signal is
single-ended
source
to
drive
the
ADS5232
captured by the input sample-and-hold amplifier, the
differentially, an RF transformer could be a good
input sample is sequentially converted within the
solution. The selected transformer must have a
pipeline stages. This process results in a data latency
center tap in order to apply the common-mode DC
of six clock cycles, after which the output data is
voltage (VCM) necessary to bias the converter inputs.
available as a 12-bit parallel word, coded in either
AC grounding the center tap will generate the
straight
offset
binary
(SOB)
or
binary
two's
differential
signal
swing
across
the
secondary
complement (BTC) format. Since a common clock
winding. Consider a step-up transformer to take
controls the timing of both channels, the analog
advantage
of
signal
amplification
without
the
signal is sampled simultaneously. The data on the
introduction of another noise source. Furthermore,
parallel ports is updated simultaneously as well.
the reduced signal swing from the source may lead to
Further processing can be timed using the individual
improved distortion performance. The differential
data valid output signal of each channel. The
input
configuration
may
provide
a
noticeable
ADS5232
features
internal
references
that
are
advantage for achieving good SFDR performance
trimmed to ensure a high level of accuracy and
over a wide range of input frequencies. In this mode,
matching. The internal references can be disabled to
both inputs (IN and IN) of the ADS5232 see matched
allow for external reference operation.
impedances.
Figure 19 illustrates the schematic for the suggested
transformer-coupled interface circuit. The component
values of the RC low-pass filter may be optimized
depending on the desired roll-off frequency.
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com