Electronic Components Datasheet Search
  English  ▼

X  

ADS5232 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5232
Description  Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5232 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS5232 Datasheet HTML 13Page - Texas Instruments ADS5232 Datasheet HTML 14Page - Texas Instruments ADS5232 Datasheet HTML 15Page - Texas Instruments ADS5232 Datasheet HTML 16Page - Texas Instruments ADS5232 Datasheet HTML 17Page - Texas Instruments ADS5232 Datasheet HTML 18Page - Texas Instruments ADS5232 Datasheet HTML 19Page - Texas Instruments ADS5232 Datasheet HTML 20Page - Texas Instruments ADS5232 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
www.ti.com
Temperature (
_C)
95
90
85
80
75
70
65
60
55
−40
−15
+60
+10
+35
+85
f
IN = 5MHz
SNR
SFDR
Temperature (
_C)
405
390
375
360
345
330
−40
+10
+35
+60
−15
+85
f
IN = 5MHz
Input Amplitude (dBFS)
100
90
80
70
60
50
40
30
20
10
0
−70
−60
−30
−20
−10
−50
−40
0
f
IN = 5MHz
SNR (dBFS)
SNR (dBc)
SFDR (dBc)
Code
4000
3500
3000
2500
2000
1500
1000
500
0
Input Amplitude (dBFS)
100
90
80
70
60
50
40
30
20
10
0
−70
−60
−30
−20
−10
−50
−40
0
f
IN = 32.5MHz
SNR (dBFS)
SNR (dBc)
SFDR (dBc)
ADS5232
SBAS294A – JUNE 2004 – REVISED MARCH 2006
TYPICAL CHARACTERISTICS (continued)
T
MIN = –40°C and TMAX = +85°C. Typical values are at TA = +25°C, clock frequency = 65MSPS, 50% clock duty cycle,
AVDD = 3.3V, VDRV = 3.3V, transformer-coupled inputs, –1dBFS, I
SET = 56.2kΩ, and internal voltage reference, unless
otherwise noted.
POWER DISSIPATION vs TEMPERATURE
DYNAMIC PERFORMANCE vs TEMPERATURE
Figure 13.
Figure 14.
OUTPUT NOISE
SWEPT INPUT POWER
Figure 15.
Figure 16.
SWEPT INPUT POWER
Figure 17.
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com