Electronic Components Datasheet Search
  English  ▼

X  

ADS5232 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5232
Description  Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5232 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS5232 Datasheet HTML 12Page - Texas Instruments ADS5232 Datasheet HTML 13Page - Texas Instruments ADS5232 Datasheet HTML 14Page - Texas Instruments ADS5232 Datasheet HTML 15Page - Texas Instruments ADS5232 Datasheet HTML 16Page - Texas Instruments ADS5232 Datasheet HTML 17Page - Texas Instruments ADS5232 Datasheet HTML 18Page - Texas Instruments ADS5232 Datasheet HTML 19Page - Texas Instruments ADS5232 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
www.ti.com
Code
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
0
2048
3072
1024
4096
f
IN = 5MHz
Sample Rate (MHz)
0.10
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
20
25
30
35
40
45
50
55
60
65
70
f
IN = 5MHz
IAVDD
IVDRV
Input Frequency (MHz)
110
100
90
80
70
60
50
40
30
0
20
80
40
60
100
SNR
SFDR
Clock Frequency (MHz)
95
90
85
80
75
70
65
60
55
20
25
30
35
40
45
50
55
60
65
70
SNR
SFDR
SINAD
f
IN = 5MHz
Input Frequency (MHz)
110
100
90
80
70
60
50
40
30
0
40
60
80
20
100
SNR
SFDR
External Reference:
REF = 2V
T
REF = 1V
B
Duty Cycle (%)
95
90
85
80
75
70
65
60
30
35
50
55
60
65
40
45
70
f
IN = 5MHz
SNR
SFDR
ADS5232
SBAS294A – JUNE 2004 – REVISED MARCH 2006
TYPICAL CHARACTERISTICS (continued)
T
MIN = –40°C and TMAX = +85°C. Typical values are at TA = +25°C, clock frequency = 65MSPS, 50% clock duty cycle,
AVDD = 3.3V, VDRV = 3.3V, transformer-coupled inputs, –1dBFS, I
SET = 56.2kΩ, and internal voltage reference, unless
otherwise noted.
INTEGRAL NONLINEARITY
IAVDD, IVDRV vs CLOCK FREQUENCY
Figure 7.
Figure 8.
DYNAMIC PERFORMANCE vs CLOCK FREQUENCY
DYNAMIC PERFORMANCE vs INPUT FREQUENCY
Figure 9.
Figure 10.
DYNAMIC PERFORMANCE vs CLOCK DUTY CYCLE
DYNAMIC PERFORMANCE vs INPUT FREQUENCY
WITH PLL ENABLED (default)
Figure 11.
Figure 12.
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com