Electronic Components Datasheet Search
  English  ▼

X  

GL852 Datasheet(PDF) 7 Page - GENESYS LOGIC

Part # GL852
Description  USB 2.0 MTT HUB Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL852 Datasheet(HTML) 7 Page - GENESYS LOGIC

Back Button GL852 Datasheet HTML 3Page - GENESYS LOGIC GL852 Datasheet HTML 4Page - GENESYS LOGIC GL852 Datasheet HTML 5Page - GENESYS LOGIC GL852 Datasheet HTML 6Page - GENESYS LOGIC GL852 Datasheet HTML 7Page - GENESYS LOGIC GL852 Datasheet HTML 8Page - GENESYS LOGIC GL852 Datasheet HTML 9Page - GENESYS LOGIC GL852 Datasheet HTML 10Page - GENESYS LOGIC GL852 Datasheet HTML 11Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
GL852 USB 2.0 MTT HUB Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 7
CHAPTER 1
GENERAL DESCRIPTION
GL852 is Genesys Logic’s brand new Hub solutions which fully comply with Universal Serial Bus
Specification Revision 2.0. This series includes GL852.
GL852 embeds an 8-bit RISC processor to manipulate the control/status registers and respond to the requests
from USB host. Firmware of GL852 will control its general purpose I/O (GPIO) to access the external
EEPROM and then respond to the host the customized PID and VID configured in the external EEPROM.
Default settings in the internal mask ROM is responded to the host without having external EEROM. GL852
is designed for customers with much flexibility. The more complicated settings such as PID, VID, and number
of downstream ports settings are easily achieved by programming the external EEPROM (Ref. to Chapter 5).
Each downstream port of GL852 supports two-color (green/amber) status LEDs to indicate normal/abnormal
status.
To fully meet the performance requirement, GL852 series is a multiple TT hub solution to provide every down
stream port with a TT. With the dedicated TT in each down stream port, GL852 can provide the best
performance even connect with several Full/Low-Speed devices and running heavy bandwidth-consuming
operations concurrently.
*TT (transaction translator) is the main traffic control engine in an USB 2.0 hub to handle the unbalanced
traffic speed between the upstream port and the downstream ports.
Product Name
Package type
Power mode
LED support
GL852
64LQFP
Individual/Gang
Green/Amber
GL852
48LQFP
Individual/Gang
Green/Amber
GL852
48QFN
Individual/Gang
Green/Amber



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com