Electronic Components Datasheet Search
  English  ▼

X  

GL852 Datasheet(PDF) 24 Page - GENESYS LOGIC

Part # GL852
Description  USB 2.0 MTT HUB Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL852 Datasheet(HTML) 24 Page - GENESYS LOGIC

Back Button GL852 Datasheet HTML 20Page - GENESYS LOGIC GL852 Datasheet HTML 21Page - GENESYS LOGIC GL852 Datasheet HTML 22Page - GENESYS LOGIC GL852 Datasheet HTML 23Page - GENESYS LOGIC GL852 Datasheet HTML 24Page - GENESYS LOGIC GL852 Datasheet HTML 25Page - GENESYS LOGIC GL852 Datasheet HTML 26Page - GENESYS LOGIC GL852 Datasheet HTML 27Page - GENESYS LOGIC GL852 Datasheet HTML 28Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
GL852 USB 2.0 MTT HUB Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 24
CHAPTER 6
ELECTRICAL CHARACTERISTICS
6.1 Maximum Ratings
Table 6.1 - Maximum Ratings
Symbol
Parameter
Min.
Max.
Unit
VCC
Power Supply
-0.5
+3.6
V
VIN
Input Voltage for digital I/O(EE_DO) pins
-0.5
+3.6
V
VIN
Input Voltage for digital I/O(Ovcur1-4,Pself,Reset) pins
-0.5
+5.25
V
VINUSB
Input Voltage for USB signal (DP, DM) pins
-0.5
+3.6
V
TS
Storage Temperature under bias
-60
+100
oC
FOSC
Frequency
12 MHz ± 0.05%
6.2 Operating Ranges
Table 6.2 - Operating Ranges
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Power Supply
3.0
3.3
3.6
V
VIND
Input Voltage for digital I/O pins
-0.5
3.3
3.6
V
VINUSB
Input Voltage for USB signal (DP, DM) pins
0.5
3.3
3.6
V
TA
Ambient Temperature
0
-
70
oC
TJ
Absolute maximum junction temperature
0
-
125
oC
θ
JA
Thermal Characteristics 48 LQFP
-
52.2
-
oC/W
6.3 DC Characteristics
Table 6.3 - DC Characteristics Except USB Signals
Symbol
Parameter
Min.
Typ.
Max.
Unit
PD
Power Dissipation
70
-
190
mA
VDD
Power Supply Voltage
3
3.3
3.6
V
VIL
LOW level input voltage
-
-
0.9
V
VIH
HIGH level input voltage
2.0
-
-
V
VTLH
LOW to HIGH threshold voltage
1.36
1.48
1.62
V
VTHL
HIGH to LOW threshold voltage
1.36
1.48
1.62
V
VOL
LOW level output voltage when IOL=8mA
-
-
0.4
V
VOH
HIGH level output voltage when IOH=8mA
2.4
-
-
V
IOLK
Leakage current for pads with internal pull up or pull
down resistor
-
-
30
µA
RDN
Pad internal pull down resister
81K
103K
181K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com