Electronic Components Datasheet Search
  English  ▼

X  

GL852 Datasheet(PDF) 10 Page - GENESYS LOGIC

Part # GL852
Description  USB 2.0 MTT HUB Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL852 Datasheet(HTML) 10 Page - GENESYS LOGIC

Back Button GL852 Datasheet HTML 6Page - GENESYS LOGIC GL852 Datasheet HTML 7Page - GENESYS LOGIC GL852 Datasheet HTML 8Page - GENESYS LOGIC GL852 Datasheet HTML 9Page - GENESYS LOGIC GL852 Datasheet HTML 10Page - GENESYS LOGIC GL852 Datasheet HTML 11Page - GENESYS LOGIC GL852 Datasheet HTML 12Page - GENESYS LOGIC GL852 Datasheet HTML 13Page - GENESYS LOGIC GL852 Datasheet HTML 14Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
GL852 USB 2.0 MTT HUB Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 10
GL852
LQFP - 48
PSELF
37
DVDD
38
PGANG
39
OVCUR2#
40
PWREN2#
41
OVCUR1#
42
PWREN1#
43
DVDD
44
GREEN1/EE_SK
45
AMBER1/EE_CS
46
DGND
47
DVDD
48
AMBER4
GREEN4
DP4
DM4
AGND
AVDD
DP3
DM3
AVDD
X2
X1
AGND
24
23
22
21
20
19
18
17
16
15
14
13
Figure 3.2
-
-
-
-GL852 48 Pin LQFP Pinout Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com