Electronic Components Datasheet Search
  English  ▼

X  

GL852 Datasheet(PDF) 16 Page - GENESYS LOGIC

Part # GL852
Description  USB 2.0 MTT HUB Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL852 Datasheet(HTML) 16 Page - GENESYS LOGIC

Back Button GL852 Datasheet HTML 12Page - GENESYS LOGIC GL852 Datasheet HTML 13Page - GENESYS LOGIC GL852 Datasheet HTML 14Page - GENESYS LOGIC GL852 Datasheet HTML 15Page - GENESYS LOGIC GL852 Datasheet HTML 16Page - GENESYS LOGIC GL852 Datasheet HTML 17Page - GENESYS LOGIC GL852 Datasheet HTML 18Page - GENESYS LOGIC GL852 Datasheet HTML 19Page - GENESYS LOGIC GL852 Datasheet HTML 20Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
GL852 USB 2.0 MTT HUB Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 16
CHAPTER 5
FUNCTION DESCRIPTION
5.1 General
5.1.1 USPORT Transceiver
USPORT (upstream port) transceiver is the analog circuit that supports both full-speed and high-speed
electrical characteristics defined in chapter 7 of USB specification Revision 2.0. USPORT transceiver will
operate in full-speed electrical signaling when GL852 is plugged into a 1.1 host/hub. USPORT transceiver
will operate in high-speed electrical signaling when GL852 is plugged into a 2.0 host/hub.
5.1.2 PLL (Phase Lock Loop)
GL852 contains a 40x PLL. PLL generates the clock sources for the whole chip. The generated clocks are
proven quite accurate that help in generating high speed signal without jitter.
5.1.3 FRTIMER
This module implements hub (micro)frame timer. The (micro)frame timer is derived from the hub’s local
clock and is synchronized to the host (micro)frame period by the host generated Start of (micro)frame
(SOF). FRTIMER keeps tracking the host’s SOF such that GL852 is always safely synchronized to the host.
The functionality of FRTIMER is described in section 11.2 of USB Specification Revision 2.0.
5.1.4 µC
µC is the micro-processor unit of GL852. It is an 8-bit RISC processor with 2K ROM and 64 bytes RAM. It
operates at 6MIPS of 12Mhz clock to decode the USB command issued from host and then prepares the
data to respond to the host. In addition, µC can handle GPIO (general purpose I/O) settings and reading
content of EEPROM to support high flexibility for customers of different configurations of hub. These
configurations include self/bus power mode setting, individual/gang mode setting, downstream port number
setting, device removable/non-removable setting, and PID/VID setting.
5.1.5 UTMI (USB 2.0 Transceiver Macrocell Interface)
UTMI handles the low level USB protocol and signaling. It’s designed based on the Intel’s UTMI
specification 1.01. The major functions of UTMI logic are to handle the data and clock recovery, NRZI
encoding/decoding, Bit stuffing /de-stuffing, supporting USB 2.0 test modes, and serial/parallel conversion.
5.1.6 USPORT logic
USPORT implements the upstream port logic defined in section 11.6 of USB specification Revision 2.0. It
mainly manipulates traffics in the upstream direction. The main functions include the state machines of
Receiver and Transmitter, interfaces between UTMI and SIE, and traffic control to/from the REPEATER
and TT.
5.1.7 SIE (Serial Interface Engine)
SIE handles the USB protocol defined in chapter 8 of USB specification Revision 2.0. It co-works with
μ
C to play the role of the hub kernel. The main functions of SIE include the state machine of USB protocol
flow, CRC check, PID error check, and timeout check. Unlike USB 1.1, bit stuffing/de-stuffing is
implemented in UTMI, not in SIE.
5.1.8 Control/Status register
Control/Status register is the interface register between hardware and firmware. This register contains the
information necessary to control endpoint0 and endpoint1 pipelines. Through the firmware based
architecture, GL852 possesses higher flexibility to control the USB protocol easily and correctly.
5.1.9 REPEATER
Repeater logic implements the control logic defined in section 11.4 and section 11.7 of USB specification
Revision 2.0. REPEATER controls the traffic flow when upstream port and downstream port are signaling
in the same speed. In addition, REPEATER will generate internal resume signal whenever a wakeup event
is issued under the situation that hub is globally suspended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com