Electronic Components Datasheet Search
  English  ▼

X  

GL852 Datasheet(PDF) 27 Page - GENESYS LOGIC

Part # GL852
Description  USB 2.0 MTT HUB Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL852 Datasheet(HTML) 27 Page - GENESYS LOGIC

Back Button GL852 Datasheet HTML 23Page - GENESYS LOGIC GL852 Datasheet HTML 24Page - GENESYS LOGIC GL852 Datasheet HTML 25Page - GENESYS LOGIC GL852 Datasheet HTML 26Page - GENESYS LOGIC GL852 Datasheet HTML 27Page - GENESYS LOGIC GL852 Datasheet HTML 28Page - GENESYS LOGIC GL852 Datasheet HTML 29Page - GENESYS LOGIC GL852 Datasheet HTML 30Page - GENESYS LOGIC GL852 Datasheet HTML 31Page - GENESYS LOGIC  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
GL852 USB 2.0 MTT HUB Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 27
6.5 AC Characteristics
Symbol
Parameter
Min
Typ
Max
Units
tCSS
CS Setup Time
3.0
tCSH
CS Hold Time
3.0
tSKH
SK High Time
1.0
tSKL
SK Low Time
2.2
tDIS
DI Setup Time
1.8
tDIH
DI Hold Time
2.4
tPD1
Output Delay to “1”
1.8
tPD0
Output Delay to “0”
1.8
us
Table 6.7 - AC Characteristics of EEPROM Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com