Electronic Components Datasheet Search
  English  ▼

X  

GL852 Datasheet(PDF) 8 Page - GENESYS LOGIC

Part # GL852
Description  USB 2.0 MTT HUB Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL852 Datasheet(HTML) 8 Page - GENESYS LOGIC

Back Button GL852 Datasheet HTML 4Page - GENESYS LOGIC GL852 Datasheet HTML 5Page - GENESYS LOGIC GL852 Datasheet HTML 6Page - GENESYS LOGIC GL852 Datasheet HTML 7Page - GENESYS LOGIC GL852 Datasheet HTML 8Page - GENESYS LOGIC GL852 Datasheet HTML 9Page - GENESYS LOGIC GL852 Datasheet HTML 10Page - GENESYS LOGIC GL852 Datasheet HTML 11Page - GENESYS LOGIC GL852 Datasheet HTML 12Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
GL852 USB 2.0 MTT HUB Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 8
CHAPTER 2
FEATURES
• Compliant to USB specification Revision 2.0
−
4 downstream ports
−
Upstream port supports both high-speed (HS) and full-speed (FS) traffic
−
Downstream ports support HS, FS, and low-speed (LS) traffic
−
1 control pipe (endpoint 0, 64-byte data payload) and 1 interrupt pipe (endpoint 1, 1-byte data payload)
−
Backward compatible to USB specification Revision 1.1
• On-chip 8-bit micro-processor
−
RISC-like architecture
−
USB optimized instruction set
−
Dual cycle instruction execution
−
Performance: 6 MIPS @ 12MHz
−
With 64-byte RAM and 2K internal ROM
−
Support customized PID, VID by reading external EEPROM
−
Support downstream port configuration by reading external EEPROM
• Multiple Transaction translator (MTT)
−
MTT provides respective TT control logics for each downstream port. This is a performance better
choice for USB 2.0 hub.
• Each downstream port supports two-color status indicator, with automatic and manual modes compliant to
USB specification Revision 2.0
• Support both individual and gang modes of power management and over-current detection for
downstream ports
• Support gang mode of power management and over-current detection for downstream ports
• Conform to bus power requirements
• Automatic switching between self-powered and bus-powered modes
• Integrate USB 2.0 transceiver
• PLL embedded with external 12 MHz crystal
• Operate on 3.3 Volts
• Embed serial resister for USB signals and integrate pull-up resister for upstream USB signal
• Improve output drivers with slew-rate control for EMI reduction
• Internal power-fail detection for ESD recovery
• 64-pin LQFP package , 48-pin LQFP package , 48-pin QFN package
• Applications:
−
Stand-alone USB hub
−
Monitor hub
−
PC motherboard USB hub, Docking of notebook
−
Any compound device to support USB HUB function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com