Electronic Components Datasheet Search
  English  ▼

X  

ML145503EP Datasheet(PDF) 5 Page - LANSDALE Semiconductor Inc.

Part # ML145503EP
Description  PCM Codec-Filter Mono-Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145503EP Datasheet(HTML) 5 Page - LANSDALE Semiconductor Inc.

  ML145503EP Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
ML145502, ML145503, ML145505
LANSDALE Semiconductor, Inc.
ANALOG TRANSMISSION PERFORMANCE
(VDD = + 5 V ± 5%, VSS = – 5 V ± 5%, VLS = VAG = 0 V, Vref = RSI = VSS (Internal 3.15 V Reference), 0 dBm0 = 1.546 Vrms = + 6 dBm @
600
Ω, TA = – 40 to + 85°C, TDC = RDC = CC = 2.048 MHz, TDE = RCE = MSI = 8 kHz, Unless Otherwise Noted)
End–to–End
A/D
D/A
Characteristic
Min
Max
Min
Max
Min
Max
Unit
Absolute Gain (0 dBm0 @ 1.02 kHz, TA = 25°C, VDD = 5 V, VSS = – 5 V)
—
—
– 0.30
+ 0.30
– 0.30
+ 0.30
dB
Absolute Gain Variation with Temperature 0 to + 70
°C
—
—
—
± 0.03
—
± 0.03
dB
Absolute Gain Variation with Temperature – 40 to +85
°C
—
—
—
± 0.1
—
± 0.1
dB
Absolute Gain Variation with Power Supply (VDD = 5 V, VSS = – 5 V, 5%)
—
—
—
± 0.02
—
± 0.02
dB
Gain vs Level Tone (Relative to – 10 dBm0, 1.02 kHz)
+ 3 to – 40 dBm0
– 40 to – 50 dBm0
– 50 to – 55 dBm0
– 0.4
– 0.8
– 1.6
+ 0.4
+ 0.8
+ 1.6
– 0.2
– 0.4
– 0.8
+ 0.2
+ 0.4
+ 0.8
– 0.2
– 0.4
– 0.8
+ 0.2
+ 0.4
+ 0.8
dB
Gain vs Level Pseudo Noise (A–Law Relative to – 10 dBm0)
CCITT G.714
– 10 to – 40 dBm0
– 40 to – 50 dBm0
– 50 to – 55 dBm0
—
—
—
—
—
—
– 0.25
– 0.30
– 0.45
+ 0.25
+ 0.30
+ 0.45
– 0.25
– 0.30
– 0.45
+ 0.25
+ 0.30
+ 0.45
dB
Total Distortion – 1.02 kHz Tone (C–Message)
0 to – 30 dBm0
– 40 dBm0
– 45 dBm0
35
29
24
—
—
—
36
29
24
—
—
—
36
30
25
—
—
—
dBC
Total Distortion With Pseudo Noise (A–Law)
– 3 dBm0
CCITT G.714
– 6 to – 27 dBm0
– 34 dBm0
– 40 dBm0
– 55 dBm0
27.5
35
33.1
28.2
13.2
—
—
—
—
—
28
35.5
33.5
28.5
13.5
—
—
—
—
—
28.5
36
34.2
30.0
15.0
—
—
—
—
—
dB
Idle Channel Noise (For End–End and A/D, See Note 1)
Mu–Law, C–Message Weighted
A–Law, Psophometric Weighted
—
—
15
– 69
—
—
15
– 69
—
—
9
– 78
dBrnC0
dBm0p
Frequency Response (Relative to 1.02 kHz @ 0 dBm0)
15 to 60 Hz
300 to 3000 Hz
3400 Hz
4000 Hz
4600 Hz
—
– 0.3
– 1.6
—
—
– 23
+ 0.3
0
– 28
– 60
—
– 0.15
– 0.8
—
—
– 23
+ 0.15
0
– 14
– 32
—
– 0.15
– 0.8
—
—
0.15
+ 0.15
0
– 14
– 30
dB
Inband Spurious (1.02 kHz @ 0 dBm0, Transmit and RxO)
300 to 3000 Hz
—
—
—
– 43
—
– 43
dBm0
Out–of–Band Spurious at RxO (300 – 3400 Hz @ 0 dBm0 In)
4600 to 7600 Hz
7600 to 8400 Hz
8400 to 100,000 Hz
—
—
—
– 30
– 40
– 30
—
—
—
—
—
—
—
—
—
– 30
– 40
– 30
dB
Idle Channel Noise Selective @ 8 kHz, Input = VAG, 30 Hz Bandwidth
—
– 70
—
—
—
– 70
dBm0
Absolute Delay @ 1600 Hz (TDC = 2.048 MHz, TDE = 8 kHz)
—
—
—
310
—
180
µs
Group Delay Referenced to 1600 Hz (TDC = 2048 kHz,
TDE = 8 kHz)
500 to 600 Hz
600 to 800 Hz
800 to 1000 Hz
1000 to 1600 Hz
1600 to 2600 Hz
2600 to 2800 Hz
2800 to 3000 Hz
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
200
140
70
40
75
110
170
– 40
– 40
– 30
– 20
—
—
—
—
—
—
—
90
120
160
µs
Crosstalk of 1020 Hz @ 0 dBm0 From A/D or D/A (Note 2)
—
—
—
– 75
—
– 80
dB
Intermodulation Distortion of Two Frequencies of Amplitudes – 4 to
– 21 dBm0 from the Range 300 to 3400 Hz
—
—
—
– 41
—
– 41
dB
NOTES:
1. Extrapolated from a 1020 Hz @ – 50 dBm0 distortion measurement to correct for encoder enhancement.
2. Selectively measured while the A/D is stimulated with 2667 Hz @ – 50 dBm0.
www.lansdale.com
Page 5 of 26
Issue A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com