Electronic Components Datasheet Search
  English  ▼

X  

ML145503EP Datasheet(PDF) 18 Page - LANSDALE Semiconductor Inc.

Part # ML145503EP
Description  PCM Codec-Filter Mono-Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145503EP Datasheet(HTML) 18 Page - LANSDALE Semiconductor Inc.

Back Button ML145503EP Datasheet HTML 14Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 15Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 16Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 17Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 18Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 19Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 20Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 21Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 22Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
ML145502, ML145503, ML145505
LANSDALE Semiconductor, Inc.
23a. Simplified Transformer Hybrid Using ML145503
NOTE: Hybrid Balance by R5 and R6 to equate the RxO signal gain at Txl through the
inverting and non–inverting signal paths.
23b. Universal Transformer Hybrid Using ML145503
AVout =
R0 R4 (R2 + R1)
R3 + R0 R4 (R2 + R1)
R3 + R0 R4
AV in =
– R1
R2
R0
N = 1
R0
N = 2
– 48 V
N = 1
10 k
Ω
10 k
Ω
VAG
RxO
+ Tx
TxI
– Tx
Mu/A
PDI
VSS
VLS
TDE
TDD
TDC
RDC
RCE
RDD
VDD
MC145503
R0
N = 1
R3
N = 2
– 48 V
N = 1
R2
R1
VAG
RxO
+ Tx
TxI
– Tx
Mu/A
PDI
VSS
VLS
TDE
TDD
TDC
RDC
RCE
RDD
VDD
MC145503
R5
R6
R4
≅
R0 R4
Figure 23. Hybrid Interfaces to the ML145503 PCM Codec–Filter Mono–Circuit
R0 = R3 R4 (R2 + R1)
≅ R3 R4
www.lansdale.com
Page 18 of 26
Issue A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com