Electronic Components Datasheet Search
  English  ▼

X  

ML145503EP Datasheet(PDF) 12 Page - LANSDALE Semiconductor Inc.

Part # ML145503EP
Description  PCM Codec-Filter Mono-Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145503EP Datasheet(HTML) 12 Page - LANSDALE Semiconductor Inc.

Back Button ML145503EP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 14Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 15Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 16Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
ML145502, ML145503, ML145505
LANSDALE Semiconductor, Inc.
Figure 1. Test Circuit
* To define RDD when TDD is high Z.
ML145503
VAG
RxO
+ Tx
TxI
– Tx
Mu/A
PDI
VSS
VDD
RDD
RCE
RDC
TDC
TDD
TDE
VLS
1
2
3
4
5
6
7
89
10
11
12
13
14
16
15
600
Ω
5 k
Ω
10 k
Ω
681
VAG
Rx
Tx
– 5 V
CLOCK
ENABLE
51 k
Ω*
5 V
0.1
µF
0.1
µF
Table 1. Options Available by Pin Selection
RSI*
Pin Level
Vref*
Pin Level
Peak–to–Peak Overload Voltage
(Txl, RxO)
VDD
VSS
7.56 V p–p
VDD
VAG + VEXT
(3.02 x VEXT) V p–p
VAG
VSS
5 V p–p
VAG
VAG + VEXT
(2 x VEXT) V p–p
VSS
VSS
6.3 V p–p
VSS
VAG + VEXT
(2.52 x VEXT) V p–p
* On ML145503/05, RSI and Vref tied internally to VSS .
Table 2. Summary of Operation Conditions User Programmed Through Pins VDD, VAG, and VSS
Pin
Programmed
Logic
Level
Mu/A
RSI
Peak Overload
Voltage
VLS
VDD
Mu–Law Companding Curve and D3/D4 Digital
Formats with Zero Code Suppress
3.78
CMOS
Logic Levels
VAG
Mu–Law Companding Curve and Sign
Magnitude Data Format
2.50
TTL Levels
VAG Up
VSS
A–Law Companding Curve and CCITT Digital
Format
3.15
TTL Levels
VSS Up
www.lansdale.com
Page 12 of 26
Issue A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com