Electronic Components Datasheet Search
  English  ▼

X  

ML145503EP Datasheet(PDF) 19 Page - LANSDALE Semiconductor Inc.

Part # ML145503EP
Description  PCM Codec-Filter Mono-Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145503EP Datasheet(HTML) 19 Page - LANSDALE Semiconductor Inc.

Back Button ML145503EP Datasheet HTML 15Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 16Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 17Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 18Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 19Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 20Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 21Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 22Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 23Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
ML145502, ML145503, ML145505
LANSDALE Semiconductor, Inc.
Figure 24. Hybrid Interfaces to the ML145502 PCM Codec–Filter Mono–Circuit
R1
R3
R6
2
× R2
R4
R5 + R6
1 –
1 +
–
=
R0 = 600
Ω
R0 = 900
Ω
N = 1
N = 1
N = 2
R0
R5
R4
R3
R6
R0
R2
R1
– 48
VSS
+ Vref
VAG
RxO
RxG
RxO
+ Tx
TxI
– Tx
Mu/A
PDI
VSS
VLS
MSI
TDE
TDD
CCI
TDC
RDC
RCE
RDD
VDD
RSI
ML145502
NOTE: Balance by R5 and R6 to equate the Txl gains through the inverting
and non–inverting input signal paths, respectively, is given by:
24a. Universal Transformer Hybrid Using ML145502
Tx Gain = R1/R2
Rx Gain = 1 + R3/R4
R5, R6
≈ 10 kΩ
Adjust Rx Gain with R3
Adjust Tx Gain with R1
R1
R2
R3
R4
R5
R5 + R6
R0
10 k
Ω
24b. Single–Ended Hybrid Using ML145502
+ Vref
VAG
RxO
RxG
RxO
+ Tx
TxI
– Tx
Mu/A
PDI
VSS
VLS
MSI
TDE
TDD
CCI
TDC
RDC
RCE
RDD
VDD
RSI
ML145502
N = 1
N = 1
– 48
20 k
Ω
N = 2
20 k
Ω
10 k
Ω
VSS
R0 = 600
R0 = 900
R0
T
R
www.lansdale.com
Page 19 of 26
Issue A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com