Electronic Components Datasheet Search
  English  ▼

X  

ML145503EP Datasheet(PDF) 6 Page - LANSDALE Semiconductor Inc.

Part # ML145503EP
Description  PCM Codec-Filter Mono-Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145503EP Datasheet(HTML) 6 Page - LANSDALE Semiconductor Inc.

Back Button ML145503EP Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 10Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
ML145502, ML145503, ML145505
LANSDALE Semiconductor, Inc.
ANALOG ELECTRICAL CHARACTERISTICS (VDD = – VSS = 5 V to 6 V 5%, TA = – 40 to + 85°C)
Characteristic
Symbol
Min
Typ
Max
Unit
Input Current
+Tx, –Tx
Iin
—
± 0.01
± 0.2
µA
AC Input Impedance to VAG (1 kHz)
+Tx, –Tx
Zin
5
10
—
—
M
Ω
Input Capacitance
+Tx, –Tx
—
—
10
pF
Input Offset Voltage of Txl Op Amp
—
<
± 30
—
mV
Input Common Mode Voltage Range
+Tx, –Tx
VICR
VSS + 1.0
—
VDD – 2.0
V
Input Common Mode Rejection Ratio
+Tx, –Tx
CMRR
—
70
—
dB
Txl Unity Gain Bandwidth
RL ≥ 10 kΩ
BWp
—
1000
—
kHz
Txl Open Loop Gain
RL ≥ 10 kΩ
AVOL
—
75
—
dB
Equivalent Input Noise (C–Message) Between +Tx and –Tx, at Txl
—
– 20
—
dBrnC0
Output Load Capacitance for Txl Op Amp
0
—
100
pF
Output Voltage Range Txl Op Amp, RxO or RxO
RL = 10 kΩ to VAG
RL = 600 Ω to VAG
Vout
VSS + 0.8
VSS + 1.5
—
—
VDD – 1.0
VDD – 1.5
V
Output Current Txl, RxO, RxO
VSS + 1.5 V ≤ Vout ≤ VDD – 1.5 V
± 5.5
—
—
mA
Output Impedance RxO, RxO*
0 to 3.4 kHz
Zout
—
3
—
Ω
Output Load Capacitance for RxO and RxO*
0
—
200
pF
Output dc Offset Voltage Referenced to VAG Pin
RxO
RxO*
—
—
—
—
± 100
± 150
mV
Internal Gainsetting Resistors for RxG to RxO and RxO
62
100
225
k
Ω
External Reference Voltage Applied to Vref (Referenced to VAG)
0.5
—
VDD – 1.0
V
Vref Input Current
—
—
20
µA
VAG Output Bias Voltage
—
0.53 VDD +
0.47 VSS
—
V
VAG Output Current
Source
Sink
IVAG
0.4
10.0
—
—
0.8
—
mA
Output Leakage Current During Power Down for the Txl Op Amp, VAG,
RxO, and RxO
—
—
± 30
µA
Positive Power Supply Rejection Ratio,
Transmit
0 – 100 kHz @ 250 mV, C–Message Weighting
Receive
45
55
50
65
—
—
dBC
Negative Power Supply Rejection Ratio,
Transmit
0 – 100 kHz @ 250 mV, C–Message Weighting
Receive
50
50
55
60
—
—
dBC
* Assumes that RxG is not connected for gain modifications to RxO.
www.lansdale.com
Page 6 of 26
Issue A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com