Electronic Components Datasheet Search
  English  ▼

X  

ML145503EP Datasheet(PDF) 16 Page - LANSDALE Semiconductor Inc.

Part # ML145503EP
Description  PCM Codec-Filter Mono-Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145503EP Datasheet(HTML) 16 Page - LANSDALE Semiconductor Inc.

Back Button ML145503EP Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 14Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 15Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 16Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 17Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 18Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 19Page - LANSDALE Semiconductor Inc. ML145503EP Datasheet HTML 20Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
ML145502, ML145503, ML145505
LANSDALE Semiconductor, Inc.
Figure 17. ML145502 Pass–Band
Filter Response Transmit
Figure 18. ML145502 Low–Pass Filter
Response Transmit
Figure 19. ML145502 High–Pass Filter
Response Transmit
Figure 20. ML145502 Pass–Band
Filter Response Receive
Figure 21. ML145502 Low–Pass Filter Response Receive
GUARANTEED
PERFORMANCE
TYPICAL
PERFORMANCE
FREQUENCY (kHz)
4.2
4.1
4.0
3.9
3.8
3.7
3.6
3.5
3.4
3.3
3.2
3.1
3.0
– 18.0
– 16.0
– 14.0
– 12.0
– 10.0
– 8.0
– 6.0
– 4.0
– 2.0
0
2.0
GUARANTEED
PERFORMANCE
FREQUENCY (kHz)
TYPICAL
PERFORMANCE
GUARANTEED
PERFORMANCE
3.6
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
– 0.8
– 0.7
– 0.6
– 0.5
– 0.4
– 0.3
– 0.2
– 0.1
0
0.1
0.2
TYPICAL
PERFORMANCE
GUARANTEED
PERFORMANCE
FREQUENCY (kHz)
3.6
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
– 0.8
– 0.7
– 0.6
– 0.5
– 0.4
– 0.3
– 0.2
– 0.1
0
0.1
0.2
TYPICAL
PERFORMANCE
FREQUENCY (kHz)
0.24
0.20
0.16
0.12
0.08
0.04
0
– 30.0
– 26.0
– 22.0
– 18.0
– 14.0
– 10.0
– 6.0
– 2.0
2.0
GUARANTEED
PERFORMANCE
FREQUENCY (kHz)
GUARANTEED
PERFORMANCE
TYPICAL
PERFORMANCE
4.2
4.1
4.0
3.9
3.8
3.7
3.6
3.5
3.4
3.3
3.2
3.1
3.0
– 18.0
– 16.0
– 14.0
– 12.0
– 10.0
– 8.0
– 6.0
– 4.0
– 2.0
0
2.0
GUARANTEED
PERFORMANCE
www.lansdale.com
Page 16 of 26
Issue A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com