Electronic Components Datasheet Search
  English  ▼

X  

SN8F27E64LKB Datasheet(PDF) 11 Page - SONiX Technology Company

Part # SN8F27E64LKB
Description  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64LKB Datasheet(HTML) 11 Page - SONiX Technology Company

Back Button SN8F27E64LKB Datasheet HTML 7Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 8Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 9Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 10Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 11Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 12Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 13Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 14Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 15Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 11
Version 1.4
1.3 PIN ASSIGNMENT
SN8F27E65P (AC field, DIP 32 Pin):
SN8F27E65U (AC field, SDIP 32 Pin):
SN8F27E65LP (DC field, DIP 32 Pin):
SN8F27E65LU (DC field, SDIP 32 Pin):
VSS
1
U
32
VDDL
XIN/P0.6
2
31
VDDL
XOUT/P0.5
3
30
VDD
RST/P0.4
4
29
AVREFH
P0.3/UTX/T1
5
28
P4.0/AIN0
P0.2/URX/TC2
6
27
P4.1/AIN1
P0.1/INT1/TC1
7
26
P4.2/AIN2
P0.0/INT0/TC0
8
25
P4.3/AIN3
P1.7/SCS
9
24
P4.4/AIN4
P1.6/SCK
10
23
P4.5/AIN5
P1.5/SDI
11
22
P4.6/AIN6
P1.4/SDO
12
21
P4.7/AIN7
P1.3/SCL
13
20
P5.0/AIN8
P1.2/SDA
14
19
P5.1/AIN9/PWM0
P1.1/EIDA
15
18
P5.2/AIN10/PWM1
P1.0/EICK
16
17
P5.3/AIN11/PWM2
VSS
1
U
32
VDD
XIN/P0.6
2
31
VDD
XOUT/P0.5
3
30
VDD
RST/P0.4
4
29
AVREFH
P0.3/UTX/T1
5
28
P4.0/AIN0
P0.2/URX/TC2
6
27
P4.1/AIN1
P0.1/INT1/TC1
7
26
P4.2/AIN2
P0.0/INT0/TC0
8
25
P4.3/AIN3
P1.7/SCS
9
24
P4.4/AIN4
P1.6/SCK
10
23
P4.5/AIN5
P1.5/SDI
11
22
P4.6/AIN6
P1.4/SDO
12
21
P4.7/AIN7
P1.3/SCL
13
20
P5.0/AIN8
P1.2/SDA
14
19
P5.1/AIN9/PWM0
P1.1/EIDA
15
18
P5.2/AIN10/PWM1
P1.0/EICK
16
17
P5.3/AIN11/PWM2
SN8F27E65F (AC field, LQFP 32 Pin):
SN8F27E65J (AC field, QFN 5x5 32 Pin):
SN8F27E65LF (DC field, LQFP 32 Pin):
SN8F27E65LJ (DC field, QFN 5x5 32 Pin):
32
31
30
29
28
27
26
25
P0.3/UTX/T1
1
O
24 P4.0/AIN0
P0.2/URX/TC2
2
23 P4.1/AIN1
P0.1/INT1/TC1
3
22 P4.2/AIN2
P0.0/INT0/TC0
4
21 P4.3/AIN3
P1.7/SCS
5
20 P4.4/AIN4
P1.6/SCK
6
19 P4.5/AIN5
P1.5/SDI
7
18 P4.6/AIN6
P1.4/SDO
8
17 P4.7/AIN7
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
P0.3/UTX/T1
1
O
24 P4.0/AIN0
P0.2/URX/TC2
2
23 P4.1/AIN1
P0.1/INT1/TC1
3
22 P4.2/AIN2
P0.0/INT0/TC0
4
21 P4.3/AIN3
P1.7/SCS
5
20 P4.4/AIN4
P1.6/SCK
6
19 P4.5/AIN5
P1.5/SDI
7
18 P4.6/AIN6
P1.4/SDO
8
17 P4.7/AIN7
9
10
11
12
13
14
15
16
SN8F27E64K (AC field, SKDIP 28 Pin):
SN8F27E64S (AC field, SOP 28 Pin):
SN8F27E64X (AC field, SSOP 28 Pin):
SN8F27E64LK (DC field, SKDIP 28 Pin):
SN8F27E64LS (DC field, SOP 28 Pin):
SN8F27E64LX (DC field, SSOP 28 Pin):
VSS
1
U
28
VDDL
XIN/P0.6
2
27
VDD/AVREFH
XOUT/P0.5
3
26
P4.1/AIN1
RST/P0.4
4
25
P4.2/AIN2
P0.3/UTX/T1
5
24
P4.3/AIN3
P0.2/URX/TC2
6
23
P4.4/AIN4
P0.1/INT1/TC1
7
22
P4.5/AIN5
P0.0/INT0/TC0
8
21
P4.6/AIN6
P1.6/SCK
9
20
P4.7/AIN7
P1.5/SDI
10
19
P5.0/AIN8
P1.4/SDO
11
18
P5.1/AIN9/PWM0
P1.3/SCL
12
17
P5.2/AIN10/PWM1
P1.2/SDA
13
16
P5.3/AIN11/PWM2
P1.1/EIDA
14
15
P1.0/EICK
VSS
1
U
28
VDD
XIN/P0.6
2
27
VDD/AVREFH
XOUT/P0.5
3
26
P4.1/AIN1
RST/P0.4
4
25
P4.2/AIN2
P0.3/UTX/T1
5
24
P4.3/AIN3
P0.2/URX/TC2
6
23
P4.4/AIN4
P0.1/INT1/TC1
7
22
P4.5/AIN5
P0.0/INT0/TC0
8
21
P4.6/AIN6
P1.6/SCK
9
20
P4.7/AIN7
P1.5/SDI
10
19
P5.0/AIN8
P1.4/SDO
11
18
P5.1/AIN9/PWM0
P1.3/SCL
12
17
P5.2/AIN10/PWM1
P1.2/SDA
13
16
P5.3/AIN11/PWM2
P1.1/EIDA
14
15
P1.0/EICK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com